Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX463EWG Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX463EWG
Description  Two-Channel, Triple/Quad RGB Video Switches and Buffers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX463EWG Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX463EWG Datasheet HTML 5Page - Maxim Integrated Products MAX463EWG Datasheet HTML 6Page - Maxim Integrated Products MAX463EWG Datasheet HTML 7Page - Maxim Integrated Products MAX463EWG Datasheet HTML 8Page - Maxim Integrated Products MAX463EWG Datasheet HTML 9Page - Maxim Integrated Products MAX463EWG Datasheet HTML 10Page - Maxim Integrated Products MAX463EWG Datasheet HTML 11Page - Maxim Integrated Products MAX463EWG Datasheet HTML 12Page - Maxim Integrated Products MAX463EWG Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Two-Channel, Triple/Quad
RGB Video Switches and Buffers
_______________________________________________________________________________________
9
Driving Coaxial Cable
High-speed performance, excellent output current
capability, and an internally fixed gain of two make the
MAX465/MAX466/MAX469/MAX470 ideal for driving
50
Ω or 75Ω back-terminated coaxial cables. The
MAX465/MAX466/MAX469/MAX470 will drive a 150
load (75
Ω back-terminated cable) to ±2.5V.
The
Typical Operating Circuit shows the MAX465/MAX466
driving four back-terminated 75
Ω video cables. The
back-termination resistor (at each amplifier output) pro-
vides impedance matching at the driven end of the
cable to eliminate signal reflections. It forms a voltage
divider with the load impedance, which attenuates the
signal at the cable output by one-half. The amplifier
operates with an internal 2V/V closed-loop gain to pro-
vide unity gain at the cable’s output.
Driving Capacitive Loads
Driving large capacitive loads increases the likelihood
of oscillation in most amplifier circuits. This is especially
true for circuits with high loop-gains, like voltage follow-
ers. The amplifier’s output impedance and the capaci-
tive load form an RC filter that adds a pole to the loop
response. If the pole frequency is low enough, as
when driving a large capacitive load, the circuit phase
margin is degraded and oscillation may occur.
The MAX463–MAX470 phase margin and capacitive-
load driving performance are optimized by internal
compensation. When driving capacitive loads greater
than 50pF, connect an isolation resistor between the
amplifier output and the capacitive load, as shown in
Figure 3.
75
Ω CABLE
75
Ω CABLE
75
Ω CABLE
75
Ω CABLE
75
75
75
75
75
75
Ω CABLE
75
75
150
SOURCE:
TEKTRONIX
1910 DIGITAL GENERATOR
MEASUREMENT:
TEKTRONIX VM700
VIDEO MEASUREMENT
SET
AV = 2
MAX469/MAX470
MAX467/MAX468
DUT
DUT
(a)
(b)
Figure 2. Differential Phase and Gain Error Test Circuits (a) for the MAX469/MAX470 Gain-of-Two Amplifiers, (b) for the
MAX467/MAX468 Unity-Gain Amplifiers
MAX468
AV = 1
12
100pF
OUT_
IN_
Figure 3a. Using an Isolation Resistor with a Capacitive Load


Similar Part No. - MAX463EWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4630EPD MAXIM-MAX4630EPD Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4630ESD MAXIM-MAX4630ESD Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4630EUD MAXIM-MAX4630EUD Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4631 MAXIM-MAX4631 Datasheet
207Kb / 16P
   Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
MAX4631CPE MAXIM-MAX4631CPE Datasheet
207Kb / 16P
   Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
More results

Similar Description - MAX463EWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX498 MAXIM-MAX498 Datasheet
155Kb / 16P
   Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Rev 0; 10/96
logo
Linear Technology
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6550 LINER-LT6550 Datasheet
514Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6551 LINER-LT6551_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
logo
Fairchild Semiconductor
FMS6408 FAIRCHILD-FMS6408 Datasheet
250Kb / 9P
   Triple Video Filter Driver for RGB and YUV Signals
logo
Maxim Integrated Produc...
MAX9583 MAXIM-MAX9583 Datasheet
339Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 3; 7/07
MAX9583_0710 MAXIM-MAX9583_0710 Datasheet
336Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
MAX9584AUA MAXIM-MAX9584AUA Datasheet
342Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
   Quad, single, triple and dual video amplifiers
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com