Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4631ESE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4631ESE
Description  Fault-Protected, High-Voltage, Dual Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4631ESE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4631ESE Datasheet HTML 1Page - Maxim Integrated Products MAX4631ESE Datasheet HTML 2Page - Maxim Integrated Products MAX4631ESE Datasheet HTML 3Page - Maxim Integrated Products MAX4631ESE Datasheet HTML 4Page - Maxim Integrated Products MAX4631ESE Datasheet HTML 5Page - Maxim Integrated Products MAX4631ESE Datasheet HTML 6Page - Maxim Integrated Products MAX4631ESE Datasheet HTML 7Page - Maxim Integrated Products MAX4631ESE Datasheet HTML 8Page - Maxim Integrated Products MAX4631ESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
VIN_ = 0.8V or 2.4V
Fault-Protected, High-Voltage,
Dual Analog Switches
_______________________________________________________________________________________
5
µA
µA
ns
C, E
-100
100
M
-10
10
nA
TA
C, E
INO_, INC_
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
-10
10
VNO_ or VNC_ = ±25V,
VCOM_ = ±10V
M
-1
1
nA
CONDITIONS
COM_ Output Leakage Current,
Supplies On
ICOM_
VNO_ or VNC_ = ±25V,
no connection to “on” channel
(MAX4632 only)
+25°C
k
mA
+25°C
COM_ Output Clamp Current,
Supplies On
ICOM_
4
5.5
10
VNO_ or VNC_ = 25V
C, E, M
2.4
140
250
+25°C
V
IN_ Input Logic Voltage High
VINH_
C, E, M
C, E, M
-5
5
COM_ Output Clamp Resistance,
Supplies On
RCOM_
1
2.5
VCOM_ = ±10V, RL = 2kΩ,
Figure 2
VNO_ or VNC_ = 25V
tON
ns
0.8
V
IN_ Input Logic Voltage Low
VINL_
+25°C
-1
0.03
1
µA
IN_ Input Current Logic
High or Low
IINH_, IINL_
VIN_ = 0.8V or 2.4V
+25°C
100
200
C, E,
300
VCOM_ = ±10V, RL = 2kΩ,
Figure 2
tOFF
C, E,
Turn-On Time
250
M
500
Turn-Off Time
pC
M
400
ns
+25°C
540
VCOM_ = ±10V, RL = 2kΩ,
Figure 3
tBBM
+25°C
5
Break-Before-Make Time Delay
(MAX4632 only)
CL = 100pF, Figure 4,
NO_ = NC_ = GND, RS = 0
Q
Charge Injection (Note 6)
pF
C, E, M
20
NO_ = NC_ = GND,
f = 1MHz, Figure 5
CNC_(OFF),
CNO_(OFF)
NO_, NC_ Off-Capacitance
pF
C, E, M
20
COM_ = GND, f = 1MHz,
Figure 5
CCOM_(OFF)
COM_ Off-Capacitance
pF
C, E, M
25
COM_ = NO_ = NC_ = GND,
f = 1MHz, Figure 5
CCOM_(ON)
COM_ On-Capacitance
ELECTRICAL CHARACTERISTICS—Single Supply (continued)
(V+ = +15V, V- = -15V, VINL_ = 0.8V, VINH_ = 2.4V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 3)
NO_ or NC_ Input Leakage
Current, Supplies On
dB
C, E, M
-62
RL = 50Ω, CL = 15pF,
VNO_ = VNC_ = 1VRMS,
f = 1MHz, Figure 6
VISO
Off-Isolation
(Note 7)
dB
C, E, M
-65
RL = 50Ω, CL = 15pF,
VNO_ = VNC_ = 1VRMS,
f = 1MHz, Figure 7
VCT
Channel-to-Channel Crosstalk
(Note 8)
µA
C, E
-100
1
100
M
-10
10
nA
INO_, INC_
VNO_ or VNC_ = ±40V
NO_ or NC_ Input Leakage
Current, Supplies Off
LOGIC INPUT
µA
SWITCH DYNAMIC CHARACTERISTICS


Similar Part No. - MAX4631ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX463 MAXIM-MAX463 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4630EPD MAXIM-MAX4630EPD Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4630ESD MAXIM-MAX4630ESD Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4630EUD MAXIM-MAX4630EUD Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4634 MAXIM-MAX4634 Datasheet
231Kb / 11P
   Fast, Low-Voltage, 4?? 4-Channel CMOS Analog Multiplexer
Rev 2; 5/03
More results

Similar Description - MAX4631ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
   HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX358 MAXIM-MAX358 Datasheet
438Kb / 11P
   Fault-Protected Analog Multiplexer
Rev 0; 4/88
MAX354 MAXIM-MAX354 Datasheet
130Kb / 12P
   Fault-Protected Analog Multiplexers
Rev. 2; 9/96
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com