Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4635 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4635
Description  Fast, Low-Voltage, Dual 4??SPDT CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4635 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4635 Datasheet HTML 1Page - Maxim Integrated Products MAX4635 Datasheet HTML 2Page - Maxim Integrated Products MAX4635 Datasheet HTML 3Page - Maxim Integrated Products MAX4635 Datasheet HTML 4Page - Maxim Integrated Products MAX4635 Datasheet HTML 5Page - Maxim Integrated Products MAX4635 Datasheet HTML 6Page - Maxim Integrated Products MAX4635 Datasheet HTML 7Page - Maxim Integrated Products MAX4635 Datasheet HTML 8Page - Maxim Integrated Products MAX4635 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Fast, Low-Voltage, Dual 4
Ω SPDT
CMOS Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ = +4.5V to +5.5V, VIH = +2.4V, VIL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Notes 2, 9)
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = +2.7V to +3.6V, VIH = +2.0V, VIL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Notes 2, 9)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC
TA = +25°C12
14
Turn-On Time
(Note 6)
tON
VNO_, VNC_ = 3V;
RL = 300
Ω, CL = 35pF,
Figure 1a
TA = TMIN to TMAX
16
ns
TA = +25°C5
6
Turn-Off Time
(Note 6)
tOFF
VNO_, VNC_ = 3V;
RL = 300
Ω, CL = 35pF,
Figure 1a
TA = TMIN to TMAX
8
ns
TA = +25°C7
Break-Before-Make Time
(Note 6)
tBBM
VNO_, VNC_ = 3V;
RL = 300
Ω, CL = 35pF,
Figure 1b
TA = TMIN to TMAX
1
ns
Charge Injection
Q
VGEN = 2V, RGEN = 0, CL = 1.0nF, Figure 2
2
pC
NO_, NC_ Off-Capacitance
CNO_(OFF),
CNC_(OFF)
VNO_, VNC_= GND, f = 1MHz, Figure 3
9
pF
COM_ On-Capacitance
CCOM_(ON) VCOM_ = GND, f = 1MHz, Figure 3
32
pF
CL = 5pF, RL = 50
Ω, f = 10MHz, Figure 4
-52
Off-Isolation (Note 7)
VISO
CL = 5pF, RL= 50
Ω, f = 1MHz, Figure 4
-65
dB
CL = 5pF, RL = 50
Ω, f = 10MHz, Figure 4
-66
Crosstalk (Note 8)
VCT
CL = 5pF, RL = 50
Ω, f = 1MHz, Figure 4
-67
dB
Total Harmonic Distortion
THD
RL = 600
Ω, VNO_ = 5VP-P, f = 20Hz to 20kHz
0.1
%
SUPPLY
Positive Supply Current
I+
V+ = 5.5V, VIN_ = 0 or V+
0.001
1.0
µA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VCOM_,
VNO_,
VNC_
0V+
V
TA = +25°C
5
5.5
On-Resistance
RON
V+ = 2.7V, ICOM_ = 10mA,
VNO_ or VNC_ = 0 to V+
TA = TMIN to TMAX
8
TA = +25°C
0.1
0.2
On-Resistance Match Between
Channels (Notes 3, 4)
∆RON
V+ = 2.7V, ICOM_ = 10mA,
VNO_ or VNC_ = 0 to V+
TA = TMIN to TMAX
0.4
TA = +25°C
1.5
2
On-Resistance Flatness
(Note 5)
RFLAT(ON)
V+ = 2.7V, ICOM_ = 10mA,
VNO_ or VNC_ = 0 to V+
TA = TMIN to TMAX
2.5
TA = +25°C-0.1
±0.01
0.1
NO_, NC_ Off-Leakage Current
(Note 6)
INO_(OFF),
INC_(OFF)
V+ = 3.3V; VCOM_ = 1V, 3V;
VNO_ or VNC_ = 3V, 1V
TA = TMIN to TMAX
-0.3
0.3
nA
TA = +25°C-0.1
±0.01
0.1
COM_ Off-Leakage Current
(Note 6)
ICOM_(OFF)
V+ = 3.3V; VCOM_ = 1V, 3V;
VNO_ or VNC_ = 3V, 1V
TA = TMIN to TMAX
-0.3
0.3
nA


Similar Part No. - MAX4635

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
MAX4635 CIRRUS-MAX4635 Datasheet
339Kb / 10P
   Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
REV1 AUG 2007
More results

Similar Description - MAX4635

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4729 MAXIM-MAX4729 Datasheet
212Kb / 9P
   Low-Voltage 3.5ohm, SPDT, CMOS Analog Switches
Rev 0; 5/04
logo
Monolithic Power System...
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Vishay Siliconix
DG2535E VISHAY-DG2535E Datasheet
167Kb / 10P
   0.3 Ω, Low Voltage Dual SPDT Analog Switches
Rev. A, 30-Jan-17
logo
Monolithic Power System...
MP2735 MPS-MP2735 Datasheet
469Kb / 10P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
List of Unclassifed Man...
AAM3202 ETC2-AAM3202 Datasheet
207Kb / 5P
   ULTRA LOW POWER, DUAL-SPDT CMOS ANALOG SWITCHES
logo
Monolithic Power System...
EVQ2735GG-00A MPS-EVQ2735GG-00A Datasheet
438Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4729 MAXIM-MAX4729_V01 Datasheet
217Kb / 9P
   Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
logo
Vishay Siliconix
DG2519E VISHAY-DG2519E Datasheet
189Kb / 10P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
Rev. A, 03-Apr-17
DG2016 VISHAY-DG2016_V01 Datasheet
134Kb / 8P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
01-Jan-2022
DG2016 VISHAY-DG2016_08 Datasheet
110Kb / 7P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
Rev. C, 14-May-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com