Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1301720103 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301720103
Description  Aero-Motive Heavy Industrial Duty EA Balancer with Heavy Cast Aluminum Housing
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301720103 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301720103 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301720103
Status:
Active
Overview:
Aero-Motive® Balancers
Description:
Aero-Motive® Heavy Industrial Duty EA Balancer with Heavy Cast Aluminum Housing
and Cover, Weight Range 5.0-9.0kg (11.0-20.0 lb), 1.80m (6.0') Travel
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Tool Supports
Series
130172
Cable Length
1.79m (5.87')
Duty
Heavy
Overview
Aero-Motive® Balancers
Product Name
Aero-Motive®
Type
Balancers
UPC
78678860819
Woodhead
Yes
Physical
Cable Diameter
3.18mm (.125")
Cable Movement
Zero-Gravity
Drum Lock
Automatic Safety, Manual
Material - Housing
Cast Aluminum
Mounting Style
Hanging
Packaging Type
Carton
Travel Distance
1.80m (6.0')
Weight Range
5.0-9.0kg (11.0-20.0 lb)
Wire/Cable Type
StrandedGalvanized Steel Cable
Material Info
Old Part Number
20EA
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Relevant
Search Parts in this Series
130172 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301720103

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301720106 MOLEX11-1301720106 Datasheet
43Kb / 1P
   Aero-Motive Heavy Industrial Duty JA Balancer, Weight Range 6.0-11.0kg
1301720109 MOLEX11-1301720109 Datasheet
46Kb / 1P
   Aero-Motive Heavy Industrial Duty LA Balancer, Weight Range 79.0-95.0kg
More results

Similar Description - 1301720103

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301720020 MOLEX11-1301720020 Datasheet
43Kb / 1P
   Aero-Motive Heavy Industrial Duty EA Balancer with Heavy Cast Aluminum Housing
1301720184 MOLEX11-1301720184 Datasheet
43Kb / 1P
   Aero-Motive Heavy Industrial Duty EA Balancer with Heavy Cast Aluminum Housing and Cover
1301720195 MOLEX11-1301720195 Datasheet
43Kb / 1P
   Aero-Motive Heavy Industrial Duty EA Balancer with Heavy Cast Aluminum Housing and Cover,
1301720207 MOLEX11-1301720207 Datasheet
43Kb / 1P
   Aero-Motive Heavy Industrial Duty EA Balancer with Heavy Cast Aluminum Housing and Cover
130172-0184 MOLEX11-130172-0184 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty EA Balancer with Heavy Cast Aluminum Housing and Cover
130172-0133 MOLEX11-130172-0133 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty EA Balancer with Ratchet Lock
1301720197 MOLEX11-1301720197 Datasheet
43Kb / 1P
   Aero-Motive Heavy Industrial Duty EA Balancer with Ratchet Lock
130172-0467 MOLEX11-130172-0467 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty EA Balancer with Adjustable Clamps, Weight
130172-0098 MOLEX11-130172-0098 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty KA Balancer
130172-0139 MOLEX11-130172-0139 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty LA Balancer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com