Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4593ESE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4593ESE
Description  High-Speed, Single-Supply, Quad, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4593ESE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4593ESE Datasheet HTML 2Page - Maxim Integrated Products MAX4593ESE Datasheet HTML 3Page - Maxim Integrated Products MAX4593ESE Datasheet HTML 4Page - Maxim Integrated Products MAX4593ESE Datasheet HTML 5Page - Maxim Integrated Products MAX4593ESE Datasheet HTML 6Page - Maxim Integrated Products MAX4593ESE Datasheet HTML 7Page - Maxim Integrated Products MAX4593ESE Datasheet HTML 8Page - Maxim Integrated Products MAX4593ESE Datasheet HTML 9Page - Maxim Integrated Products MAX4593ESE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
High-Speed, Single-Supply,
Quad, SPST Analog Switches
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(V- = GND = 0, IN_ = 0 or V+, TA = +25°C, unless otherwise noted.)
__________Applications Information
Overvoltage Protection
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute maxi-
mum ratings because stresses beyond the listed rat-
ings may cause permanent damage to the devices.
Always sequence V+ on first, followed by the logic
inputs. If power-supply sequencing is not possible, add
a small signal diode in series with V+ for overvoltage
protection (Figure 1). Adding a diode reduces the ana-
log signal range to 1V below V+, but low switch resis-
tance and low leakage characteristics are unaffected.
Device operation is unchanged, and the difference
between V+ and V- should not exceed 17V.
______________________________________________________________Pin Description
POSITIVE SUPPLY
COM
NO
Vg
V+
V-
GND
Figure 1. Overvoltage Protection Using Two External Blocking
Diodes
0
40
20
80
60
100
120
10
12
13
11
14
15
16
TURN-ON/OFF TIME
vs. POWER-SUPPLY VOLTAGE
POWER-SUPPLY VOLTAGE (V)
VCOM = 10V
tON
tOFF
10
-90
0.1
10
100
1
1000
FREQUENCY RESPONSE
FREQUENCY (MHz)
-80
-70
-60
-50
-40
-30
-20
-10
0
V+ = 15V
ON-RESPONSE
OFF-ISOLATION
Positive Supply Voltage Input. Connected to substrate.
V+
13
No Connection. Not internally connected.
N.C.
12
Ground
GND
5
Negative Supply Voltage Input. Normally connected to ground.
V-
4
PIN
Switch Inputs
NO1–NO4
or
NC1–NC4
3, 14, 11, 6
Analog Switch Common Terminal
COM1–COM4
2, 15, 10, 7
Switch Input Terminals. Drive
≤ 0.8V for logic “0”; drive ≥ 5V for logic “1”.
IN1–IN4
1, 16, 9, 8
FUNCTION
NAME


Similar Part No. - MAX4593ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX459 MAXIM-MAX459 Datasheet
135Kb / 16P
   8x4 Video Crosspoint Switches with Buffers
Rev 2; 4/95
MAX4590 MAXIM-MAX4590 Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4590CAE MAXIM-MAX4590CAE Datasheet
193Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4590CAE MAXIM-MAX4590CAE Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4590CPE MAXIM-MAX4590CPE Datasheet
193Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
More results

Similar Description - MAX4593ESE

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1751 AMSCO-AS1751_1 Datasheet
519Kb / 16P
   High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
AS1751 AMSCO-AS1751_04 Datasheet
1Mb / 17P
   High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
AS1751 AMSCO-AS1751 Datasheet
596Kb / 16P
   High-Speed, Low-Voltage, Single-Supply, 0.9廓, Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4751 MAXIM-MAX4751 Datasheet
330Kb / 13P
   0.9?? Low-Voltage, Single-Supply Quad SPST Analog Switches
Rev 1; 4/03
MAX323 MAXIM-MAX323_V01 Datasheet
1Mb / 13P
   Precision, Single-Supply, SPST Analog Switches
2022
logo
Pericom Semiconductor C...
PS323 PERICOM-PS323 Datasheet
336Kb / 10P
   Precision, Single-Supply SPST Analog Switches
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323 Datasheet
105Kb / 12P
   Precision, Single-Supply, SPST Analog Switches
19-0347; Rev 1; 10/97
logo
Pericom Semiconductor C...
PS301 PERICOM-PS301 Datasheet
265Kb / 7P
   Precision, Single-Supply SPST Analog Switches
logo
ams AG
AS1741 AMSCO-AS1741_1 Datasheet
450Kb / 15P
   High-Speed, Low-Voltage, Single-Supply, 0.8,Dual SPST Analog Switches
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com