Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

130172-0510 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130172-0510
Description  Aero-Motive Heavy Industrial Duty KA Balancer, Weight Range 72.0-79.0kg
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130172-0510 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130172-0510 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 02/05/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130172-0510
Status:
Active
Overview:
Aero-Motive® Balancers
Description:
Aero-Motive® Heavy Industrial Duty KA Balancer, Weight Range 72.0-79.0kg
(159.0-175.0 lb), 2.13m (7.0') Travel, with Special Features see Catalog
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Tool Supports
Series
130172
Cable Length
2.13m (7.0')
Duty
Heavy
Overview
Aero-Motive® Balancers
Product Name
Aero-Motive®
Type
Balancers
UPC
78172515104
Woodhead
Yes
Physical
Cable Diameter
4.76mm (.188")
Cable Movement
Zero-Gravity
Drum Lock
Automatic Safety, Manual
Material - Housing
Cast Aluminum
Mounting Style
Hanging
Packaging Type
Carton
Travel Distance
2.13m (7.0')
Weight Range
72.0-79.0kg (159.0-175.0 lb)
Wire/Cable Type
StrandedGalvanized Steel Cable
Material Info
Old Part Number
170KAE
EU RoHS
China RoHS
RoHS Compliance
Not Required
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130172Series
This document was generated on 02/05/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130172-0510

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130172-0511 MOLEX11-130172-0511 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty LA Balancer with Upper / Lower Bullard Hooks
130172-0512 MOLEX11-130172-0512 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty LA Balancer, Weight Range 113.0-120.0kg
130172-0513 MOLEX11-130172-0513 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty KA Balancer, Weight Range 52.0-57.0kg
130172-0514 MOLEX11-130172-0514 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty JA Balancer with Upper / Lower Bullard Hooks and Upper Shackle Assembly
130172-0515 MOLEX11-130172-0515 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty LA Balancer, Weight Range 131.0-136.0kg
More results

Similar Description - 130172-0510

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301720079 MOLEX11-1301720079 Datasheet
45Kb / 1P
   Aero-Motive Heavy Industrial Duty KA Balancer, Weight Range 72.0-79.0kg
130171-0284 MOLEX11-130171-0284 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty KA Balancer, Weight Range 72.0-79.0kg
130172-0449 MOLEX11-130172-0449 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty KA Balancer, Weight Range 72.0-79.0kg (159.0-175.0 lb)
130172-0585 MOLEX11-130172-0585 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty KA Balancer, Weight Range 91.0-100.0kg
1301720390 MOLEX11-1301720390 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty KA Balancer, Weight Range 79.0-88.5kg
1301720042 MOLEX11-1301720042 Datasheet
45Kb / 1P
   Aero-Motive Heavy Industrial Duty KA Balancer, Weight Range 52.0-57.0kg
130172-0620 MOLEX11-130172-0620 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty KA Balancer, Weight Range 65.0-75.0kg
130172-0643 MOLEX11-130172-0643 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty KA Balancer, Weight Range 100.0-110.0kg
1301720465 MOLEX11-1301720465 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty KA Balancer, Weight Range 65.0-75.0kg
130172-0622 MOLEX11-130172-0622 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty KA Balancer, Weight Range 100.0-110.0kg
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com