Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4574EAI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4574EAI
Description  Serially Controlled, Clickless Audio/Video Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4574EAI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4574EAI Datasheet HTML 7Page - Maxim Integrated Products MAX4574EAI Datasheet HTML 8Page - Maxim Integrated Products MAX4574EAI Datasheet HTML 9Page - Maxim Integrated Products MAX4574EAI Datasheet HTML 10Page - Maxim Integrated Products MAX4574EAI Datasheet HTML 11Page - Maxim Integrated Products MAX4574EAI Datasheet HTML 12Page - Maxim Integrated Products MAX4574EAI Datasheet HTML 13Page - Maxim Integrated Products MAX4574EAI Datasheet HTML 14Page - Maxim Integrated Products MAX4574EAI Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Serially Controlled, Clickless
Audio/Video Switches
______________________________________________________________________________________
11
Table 1. Command Bit Mapping
Table 2. Data-Bit Switch Control
X = Don’t care
MSB
MSB - 1
COMMAND
DESCRIPTION
0
0
RESET
Sets all switches open and in soft switching mode.
0
1
MODESET
Sets specified switches to soft or hard mode.
1
0
NO_OP
No Operation.
1
1
SWITCHSET
Sets specified switches open or closed.
D13
X
SW8
D12
X
SW5
D11
X
SW7B
D10
15, 16
SW7A
D8
19, 20
SW6A
X
X
X
SW11
SW9
15, 16
13, 14
17, 18
18, 19
21, 22
D7
21, 22
SW4B
D6
13, 14
SW4A
D5
11, 12
SW3B
D4
9, 10
SW3A
D3
7, 8
SW2B
SW8
SW7
SW6
SW5
SW4
11, 12
10, 11
8, 9
7, 8
5, 6
D2
5, 6
SW2A
D1
3, 4
SW1B
D0 (LSB)
1, 2
SW1A
SW3
SW2
SW1
4, 5
2, 3
1, 2
DATA BIT
SWITCH
SWITCH
D9
17, 18
SW6B
SW10
20, 21
SWITCH TERMINALS
SWITCH TERMINALS
MAX4572/MAX4574
MAX4571/MAX4573
communicating with the slave, it issues a stop condition
by transitioning SDA from low to high while SCL is high.
The bus is then free for another transmission.
3-Wire Serial Interface
The MAX4573/MAX4574 use a 3-wire SPI/QSPI/
MICROWIRE-compatible serial interface. An active-low
chip-select pin, CS, enables the device to receive data
from the serial input pin, DIN. Command and data infor-
mation are clocked in on the rising edge of the serial-
clock signal (SCLK) MSB first. A total of 16 bits are
needed in each write cycle. The write cycle allows two
8-bit-wide transfers if CS remains low for the entire 16
bits. The command code is contained in the two MSBs
of the 16-bit word. The remaining bits control the
switches as shown in Table 4. While shifting in the seri-
al data, the device remains in its original configuration.
A rising edge on CS latches the data into the
MAX4573/MAX4574 internal registers, initiating the
device’s change of state. Table 4 shows the details of
the 3-wire interface data structure.
Figures 5 and 6 and the
I/O Interface Characteristics
show the timing details of the 3-wire interface. If the
two command bits initiate a SWITCHSET command, a
logic 1 in a switch control location closes the associat-
ed switch, while a logic 0 opens it. If the command bits
initiate a MODESET command, a logic 1 in a switch
control location sets the associated switch into hard
mode, while a logic 0 sets it into soft, “clickless” mode.
For command-bit configurations, see Table 1.
Using Multiple Devices
There are two ways to connect multiple devices to the
same 3-wire serial interface. The first involves using the
DOUT pin. DOUT presents a copy of the last bit of the
internal shift register, useful for daisy-chaining multiple
devices. Data at DOUT are simply the input data
delayed by 16 clock cycles, appearing synchronous
with SCLK’s falling edge. After CS goes high, DOUT
holds the last bit in the shift register until new data are
shifted into DIN. For a simple interface using several
MAX4573/MAX4574 devices, daisy-chain the shift reg-


Similar Part No. - MAX4574EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX457 MAXIM-MAX457 Datasheet
160Kb / 4P
   Dual CMOS Video Amplifier
Rev 0; 2/89
MAX4570CAI MAXIM-MAX4570CAI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4570CWI MAXIM-MAX4570CWI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4570EAI MAXIM-MAX4570EAI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4570EWI MAXIM-MAX4570EWI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
More results

Similar Description - MAX4574EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4562 MAXIM-MAX4562 Datasheet
219Kb / 16P
   Serially Controlled, Clickless Audio/Video Switches
Rev 0; 4/99
MAX4550 MAXIM-MAX4550 Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4584 MAXIM-MAX4584 Datasheet
135Kb / 12P
   Serially Controlled Audio/Video Switches
Rev 0; 8/99
MAX4548 MAXIM-MAX4548 Datasheet
273Kb / 20P
   Serially Controlled, Triple 3x2 Audio/Video Crosspoint Switches
Rev 0; 6/99
logo
Analog Devices
ADG739 AD-ADG739_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
ADG738 AD-ADG738_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
ADG715 AD-ADG715_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
logo
Maxim Integrated Produc...
MAX4910 MAXIM-MAX4910 Datasheet
676Kb / 13P
   Quad-SPDT, Clickless Audio Switches with Negative Signal Handling
Rev 0; 2/06
logo
Analog Devices
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com