Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4613CUE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4613CUE
Description  Quad, SPST Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4613CUE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4613CUE Datasheet HTML 1Page - Maxim Integrated Products MAX4613CUE Datasheet HTML 2Page - Maxim Integrated Products MAX4613CUE Datasheet HTML 3Page - Maxim Integrated Products MAX4613CUE Datasheet HTML 4Page - Maxim Integrated Products MAX4613CUE Datasheet HTML 5Page - Maxim Integrated Products MAX4613CUE Datasheet HTML 6Page - Maxim Integrated Products MAX4613CUE Datasheet HTML 7Page - Maxim Integrated Products MAX4613CUE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Quad, SPST Analog Switch
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = 15V, V- = -15V, VL = 5V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
TA = +25°C
SYMBOL
MIN
TYP
MAX
(Note 2)
TA = TMIN to TMAX
UNITS
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
Turn-Off Time (Note 3)
VS = ±10V, Figure 2
Source-On Capacitance
-1
0.001
1
90
120
Logic Supply Current
IL
-5
5
µA
Turn-On Time (Note 3)
VS = ±10V, Figure 2
tON
f = 1MHz, Figure 8
-1
-0.0001
1
150
250
ns
Ground Current
ns
IGND
-5
5
µA
tOFF
TA = +25°C
Off-Isolation Rejection
Ratio (Note 6)
RL = 50Ω, CL = 5pF,
f = 1MHz, Figure 5
OIRR
60
dB
TA = +25°C
Break-Before-Make Time
Delay (Note 3)
Figure 3
tD
5
20
ns
TA = +25°C
Crosstalk (Note 7)
RL = 50Ω, CL = 5pF,
f = 1MHz, Figure 6
100
dB
TA = +25°C
Source-Off Capacitance
f = 1MHz, Figure 7
CS(OFF)
4
pF
TA = +25°C
Drain-Off Capacitance
f = 1MHz, Figure 7
CD(OFF)
4
pF
CONDITIONS
CS(ON)
16
pF
TA = +25°C
All channels on or off,
VIN = 0 or 5V
Drain-On Capacitance
f = 1MHz, Figure 8
All channels on or off,
VIN = 0 or 5V
CD(ON)
16
pF
TA = +25°C
Charge Injection (Note 3)
CL = 1nF, VGEN = 0,
RGEN = 0, Figure 4
Q
5
10
pC
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
Analog Signal Range
VANALOG
0
12
V
TA = +25°C
100
160
TA = TMIN to TMAX
Drain-Source
On-Resistance
VL = 5V; VD = 3V, 8V;
IS = 1mA
RDS(ON)
200
CONDITIONS
TA = +25°C
-1
0.001
1
TA = TMIN to TMAX
Power-Supply Current
All channels on or off,
VIN = 0 or 5V
I+
-5
5
µA
Power-Supply Range
V+, V-
4.5
40
V
TA = +25°C
-1
-0.0001
1
TA = TMIN to TMAX
Negative Supply Current
All channels on or off,
VIN = 0 or 5V
I-
-5
5
µA
TA = +25°C
-1
0.001
1
TA = TMIN to TMAX
Logic Supply Current
All channels on or off,
VIN = 0 or 5V
IL
-5
5
µA
TA = +25°C
-1
-0.0001
1
TA = TMIN to TMAX
Ground Current
All channels on or off,
VIN = 0 or 5V
IGND
-5
5
µA
ELECTRICAL CHARACTERISTICS—Single Supply
(V+ = 12V, V- = 0V, VL = 5V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
DYNAMIC
SUPPLY
SWITCH


Similar Part No. - MAX4613CUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4613CUE MAXIM-MAX4613CUE Datasheet
247Kb / 10P
   Quad, SPST Analog Switch
Rev 3; 6/07
More results

Similar Description - MAX4613CUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4613 MAXIM-MAX4613_07 Datasheet
247Kb / 10P
   Quad, SPST Analog Switch
Rev 3; 6/07
logo
Analog Devices
SW06 AD-SW06 Datasheet
271Kb / 12P
   Quad SPST JFET Analog Switch
REV. A
SW201 AD-SW201 Datasheet
413Kb / 6P
   QUAD SPST JFET ANALOG SWITCH
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
   Quad SPST CMOS Analog Switch
April 9, 2012
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
   CMOS Quad SPST Analog Switch
January 2000
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
   Quad SPST CMOS Analog Switch
logo
Intersil Corporation
DG201 INTERSIL-DG201_01 Datasheet
173Kb / 7P
   CMOS Quad SPST Analog Switch
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
   CMOS QUAD SPST ANALOG SWITCH
logo
New Japan Radio
NJU7301 NJRC-NJU7301 Datasheet
171Kb / 5P
   C-MOS QUAD SPST ANALOG SWITCH
logo
Intersil Corporation
DG308A INTERSIL-DG308A_01 Datasheet
187Kb / 7P
   Quad Monolithic SPST, CMOS Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com