Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBLP617-AG Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # QBLP617-AG
Description  Side View LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP617-AG Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button QBLP617-AG Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP617-AG Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP617-AG Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP617-AG Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP617-AG Datasheet HTML 9Page - List of Unclassifed Manufacturers QBLP617-AG Datasheet HTML 10Page - List of Unclassifed Manufacturers QBLP617-AG Datasheet HTML 11Page - List of Unclassifed Manufacturers QBLP617-AG Datasheet HTML 12Page - List of Unclassifed Manufacturers QBLP617-AG Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
QBLP617 _Series
0602 LED
----------------------------------------------------------------------------------------------------------------------------------------
Product: QBL617_Series
Date: February 06, 2014
Page 10 of 13
Version# 1.4
Solder Profile & Footprint
-Recommended tin solder specifications: melting temperature in the range of 178~192
OC
-The recommended reflow soldering profile is as follows (temperatures indicated are as measured on
the surface of the LED resin):
Recommended Pad Layout
Units: mm
Tolerance: ± 0.1mm


Similar Part No. - QBLP617-AG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP617-AG ETC-QBLP617-AG Datasheet
683Kb / 13P
   LED
More results

Similar Description - QBLP617-AG

ManufacturerPart #DatasheetDescription
logo
AUK corp
SA2321-G AUK-SA2321-G Datasheet
228Kb / 5P
   Side View LED
logo
Everlight Electronics C...
EAPL2812BA2 EVERLIGHT-EAPL2812BA2 Datasheet
484Kb / 12P
   Side view LED.
logo
List of Unclassifed Man...
QBLP612-R ETC1-QBLP612-R Datasheet
629Kb / 12P
   Side View LED
logo
Seoul Semiconductor
SSWM41DI2 SEOUL-SSWM41DI2 Datasheet
1Mb / 22P
   Side View LED
SSHR41DL2 SEOUL-SSHR41DL2 Datasheet
1Mb / 24P
   Side View LED
SSWM31CQ2 SEOUL-SSWM31CQ2 Datasheet
1Mb / 21P
   Side View LED
logo
List of Unclassifed Man...
QBLP617-YG ETC1-QBLP617-YG Datasheet
590Kb / 9P
   Side View LED
logo
Everlight Electronics C...
EAPL2812OA0 EVERLIGHT-EAPL2812OA0 Datasheet
935Kb / 11P
   Side view LED.
logo
Seoul Semiconductor
SSHR62LH9 SEOUL-SSHR62LH9 Datasheet
1Mb / 24P
   Side View LED
SKHR32AA0-A SEOUL-SKHR32AA0-A Datasheet
1Mb / 24P
   Side View LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com