Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4608CSE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4608CSE
Description  2.5?? Dual, SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4608CSE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4608CSE Datasheet HTML 4Page - Maxim Integrated Products MAX4608CSE Datasheet HTML 5Page - Maxim Integrated Products MAX4608CSE Datasheet HTML 6Page - Maxim Integrated Products MAX4608CSE Datasheet HTML 7Page - Maxim Integrated Products MAX4608CSE Datasheet HTML 8Page - Maxim Integrated Products MAX4608CSE Datasheet HTML 9Page - Maxim Integrated Products MAX4608CSE Datasheet HTML 10Page - Maxim Integrated Products MAX4608CSE Datasheet HTML 11Page - Maxim Integrated Products MAX4608CSE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2.5
, Dual, SPST,
CMOS Analog Switches
_______________________________________________________________________________________
9
VGEN
GND
NC OR
NO
CL
VO
-15V
V-
V+
VO
VIN
OFF
ON
OFF
∆V
O
Q = (
∆V
O)(CL)
COM
+5V
VIN DEPENDS ON SWITCH CONFIGURATION;
INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
OFF
ON
OFF
VIN
VIN = +3V
+15V
RGEN
IN
VL
MAX4607
MAX4608
MAX4609
Figure 3. Charge-Injection Test Circuit
Test Circuits/Timing Diagrams (continued)
IN
0 or
2.4V
SIGNAL
GENERATOR 0dBm
+15V
C
VL
ANALYZER
NC OR NO
RL
GND
COM
C
-15V
V-
+5V
COM
V+
MAX4607
MAX4608
MAX4609
Figure 4. Off-Isolation Test Circuit
SIGNAL
GENERATOR 0dBm
+15V
C
ANALYZER
N02
RL
GND
COM1
C
V-
-15V
0 or 2.4V
IN1
NO1
50
VL
COM2
+5V
IN2
0 or
2.4V
N.C.
V+
MAX4607
MAX4608
MAX4609
Figure 5. Crosstalk Test Circuit


Similar Part No. - MAX4608CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4608CSE MAXIM-MAX4608CSE Datasheet
149Kb / 11P
   2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 2; 3/10
More results

Similar Description - MAX4608CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4667 MAXIM-MAX4667 Datasheet
163Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4601 MAXIM-MAX4601 Datasheet
194Kb / 12P
   2.5?? Quad, SPST, CMOS Analog Switches
Rev 0; 1/99
MAX4680 MAXIM-MAX4680 Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4607 MAXIM-MAX4607_12 Datasheet
185Kb / 11P
   2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 3; 9/12
logo
Intersil Corporation
HI-200 INTERSIL-HI-200 Datasheet
383Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
October 1999
logo
Harris Corporation
DG201CJ HARRIS-DG201CJ Datasheet
90Kb / 8P
   CMOS Dual/Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4607 MAXIM-MAX4607_10 Datasheet
149Kb / 11P
   2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 2; 3/10
MAX4580 MAXIM-MAX4580_03 Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4580 MAXIM-MAX4580 Datasheet
193Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
logo
Intersil Corporation
HI-200 INTERSIL-HI-200_05 Datasheet
337Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com