Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4601EWE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4601EWE
Description  2.5?? Quad, SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4601EWE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4601EWE Datasheet HTML 1Page - Maxim Integrated Products MAX4601EWE Datasheet HTML 2Page - Maxim Integrated Products MAX4601EWE Datasheet HTML 3Page - Maxim Integrated Products MAX4601EWE Datasheet HTML 4Page - Maxim Integrated Products MAX4601EWE Datasheet HTML 5Page - Maxim Integrated Products MAX4601EWE Datasheet HTML 6Page - Maxim Integrated Products MAX4601EWE Datasheet HTML 7Page - Maxim Integrated Products MAX4601EWE Datasheet HTML 8Page - Maxim Integrated Products MAX4601EWE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2.5
Ω, Quad, SPST,
CMOS Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to GND ..............................................................-0.3V to +44V
V- to GND ..............................................................+0.3V to -44V
V+ to V-...................................................................-0.3V to +44V
VL to GND .......................................(GND - 0.3V) to (V+ + 0.3V)
All Other Pins to DGND (Note 1) ..........(V- - 0.3V) to (V+ + 0.3V)
Continuous Current (COM_, NO_, NC_) ........................±200mA
Peak Current (COM_, NO_, NC_)
(pulsed at 1ms, 10% duty cycle)................................ ±300mA
Continuous Power Dissipation (TA = +70°C)
16 SSOP (derate 7.1mW/°C above +70°C) ..................571mW
16 Wide SO (derate 9.52mW/°C above +70°C)............762mW
16 Plastic DIP (derate 10.53mW/°C above +70°C) ......842mW
Operating Temperature Ranges
MAX460_C_E ......................................................0°C to +70°C
MAX460_E_E ....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
-2.5
2.5
-2.5
2.5
-10
10
TA = TMIN to TMAX
(Note 3)
V
TA = +25°C
V-
V+
VCOM_,
VNO_, VNC_
Input Voltage Range
IN_ = 0.8V, all others = 2.4V
IN_ = 2.4V, all others = 0.8V
ICOM_ = 10mA,
VNO_ or VNC_ = ±10V
TA = +25°C
TA = +25°C
TA = +25°C
CONDITIONS
1.7
0.8
VIN_L
Logic Input Low Voltage
0.1
∆RON
COM_ to NO_ or NC_
On-Resistance Match Between
Channels (Note 4)
1.7
2.5
RON
COM_ to NO or NC_
On-Resistance
V
2.4
1.7
VIN_H
Logic Input High Voltage
-0.500
0.001
0.500
IIN_L
Input Current with Input Voltage
Low
µA
-0.500
0.001
0.500
IIN_H
Input Current with Input Voltage
High
0.1
0.4
RFLAT(ON)
COM_ to NO_ or NC_
On-Resistance Flatness (Note 5)
nA
-0.5
0.01
0.5
INO_, INC_
Off-Leakage Current
(NO_ or NC_) (Note 6)
nA
-0.5
0.01
0.5
ICOM_(OFF)
COM Off-Leakage Current
(Note 6)
nA
-1
0.2
1
ICOM_(ON)
COM On-Leakage Current
(Note 6)
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
ICOM_ = 10mA, VNO_
or = VNC_= ±10V
ICOM_ = 10mA; VNO_
or VNC_ = -5V, 0, 5V
TA = +25°C
VCOM_ = ±10V,
VNO_ or VNC_= –
+10V
VCOM_ = ±10V,
VNO_ or VNC_ = –
+10V
VCOM_ = ±10V,
VNO_ or VNC_= ±10V
or floating
TA = +25°C
TA = TMIN to TMAX
2.7
0.5
TA = TMIN to TMAX
0.5
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = TMIN to TMAX
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +15V, V- = -15V, VL = 5V, VIN_H = 2.4V, VIN_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
µA
V
ANALOG SWITCH
LOGIC INPUT
Note 1: Signals on NC_, NO_, COM_, or IN_ exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maxi-
mum current rating.


Similar Part No. - MAX4601EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX460 MAXIM-MAX460 Datasheet
254Kb / 6P
   High Accuracy Fast Buffer
MAX4600 MAXIM-MAX4600 Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4600CAE MAXIM-MAX4600CAE Datasheet
193Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4600CAE MAXIM-MAX4600CAE Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4600CPE MAXIM-MAX4600CPE Datasheet
193Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
More results

Similar Description - MAX4601EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG201202 MAXIM-DG201202 Datasheet
27Kb / 4P
   QUAD SPST CMOS ANALOG SWITCHES
19-0041Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com