Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK26SA-0-T4-G Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # SK26SA-0-T4-G
Description  2.0Amp. Surface Mount Schottky Barrier Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SK26SA-0-T4-G Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  SK26SA-0-T4-G Datasheet HTML 1Page - Cystech Electonics Corp. SK26SA-0-T4-G Datasheet HTML 2Page - Cystech Electonics Corp. SK26SA-0-T4-G Datasheet HTML 3Page - Cystech Electonics Corp. SK26SA-0-T4-G Datasheet HTML 4Page - Cystech Electonics Corp. SK26SA-0-T4-G Datasheet HTML 5Page - Cystech Electonics Corp. SK26SA-0-T4-G Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C753SA
Issued Date : 2006.07.13
Revised Date :2014.09.24
Page No. : 2/6
SK2XSA
CYStek Product Specification
Maximum Ratings and Electrical Characteristics
(
Rating at 25C ambient temperature unless otherwise specified. )
Parameter
Symbol
Type
Units
SK24
SK26
SK28 SK2B SK2C SK2D
Repetitive peak reverse voltage
VRRM
40
60
80
100
150
200
V
Maximum RMS voltage
VRMS
28
42
56
70
105
140
V
Maximum DC blocking voltage
VR
40
60
80
100
150
200
V
Maximum instantaneous
forward voltage, IF=2A (Note 1)
VF
0.7
0.7
0.85
0.85
0.9
0.9
V
Average forward rectified current
IO
2
A
Peak forward surge current @8.3ms single half
sine wave superimposed on rated load (JEDEC
method)
IFSM
50
A
Maximum DC reverse current
VR=VRRM,TA=25℃(Note 1)
VR=VRRM,TA=100℃(Note 1)
IR
0.5
50
mA
mA
Maximum thermal resistance, Junction to
ambient(Note 2)
RθJA
80
℃/W
Maximum thermal resistance, Junction to case
RθJC
32
Power dissipation
TA=25°C
(Note 2)
PD
1.3
W
TC=25°C
3.1
Diode junction capacitance @ f=1MHz and
applied 4V reverse voltage
CJ
110 (typ)
pF
Storage temperature
Tstg
-65 ~ +150
Operating temperature
TJ
-65 ~ +150
-65 ~ +175
Notes : 1.Pulse test, pulse width=300μsec, 2% duty cycle
2.Mounted on PCB with 14mm²(0.013mm thickness) copper pad area.
Recommended soldering footprint


Similar Part No. - SK26SA-0-T4-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK26SA-0-T4-G CYSTEKEC-SK26SA-0-T4-G Datasheet
469Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
More results

Similar Description - SK26SA-0-T4-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK2BSB CYSTEKEC-SK2BSB Datasheet
252Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK28SA CYSTEKEC-SK28SA Datasheet
280Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK2BSA CYSTEKEC-SK2BSA Datasheet
280Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK260SC CYSTEKEC-SK260SC Datasheet
150Kb / 5P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK2XSA CYSTEKEC-SK2XSA Datasheet
87Kb / 3P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK2100SC CYSTEKEC-SK2100SC Datasheet
173Kb / 5P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK240SC CYSTEKEC-SK240SC Datasheet
150Kb / 5P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK2CSA CYSTEKEC-SK2CSA Datasheet
469Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK22SA CYSTEKEC-SK22SA Datasheet
280Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK26SA CYSTEKEC-SK26SA Datasheet
280Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com