Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBL8Y30C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QBL8Y30C
Description  5mm Round Lamp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBL8Y30C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QBL8Y30C Datasheet HTML 1Page - List of Unclassifed Manufacturers QBL8Y30C Datasheet HTML 2Page - List of Unclassifed Manufacturers QBL8Y30C Datasheet HTML 3Page - List of Unclassifed Manufacturers QBL8Y30C Datasheet HTML 4Page - List of Unclassifed Manufacturers QBL8Y30C Datasheet HTML 5Page - List of Unclassifed Manufacturers QBL8Y30C Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
QBL8XX30C series
5mm Round Lamp
Product: QBL8XX30C_series
Date: 06/25/2011
Page 5 of 6
Version# 1.0
Ordering Information:
Part #
Orderable Part #
Spec Range
Quantity per bag
QBL8IB30C
QBL8IB30C
Iv = 3700mcd typ.,
λD = 470nm
TBD
QBL8IW30C
QBL8IW30C
Iv = 12000mcd typ., (X= 0.318, Y = 0.332)
TBD
QBL8IG30C
QBL8IG30C
Iv = 8600mcd typ.,
λD = 525nm
TBD
QBL8R30C
QBL8R30C
Iv = 3000mcd typ.,
λD = 625nm
TBD
QBL8Y30C
QBL8Y30C
Iv = 4100mcd typ.,
λD = 590nm
TBD


Similar Part No. - QBL8Y30C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBL8Y30C ETC2-QBL8Y30C Datasheet
570Kb / 6P
   5mm Round Lamp
More results

Similar Description - QBL8Y30C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBL8R35D ETC1-QBL8R35D Datasheet
716Kb / 11P
   5mm Round Lamp
QBL8IB15C ETC2-QBL8IB15C Datasheet
567Kb / 6P
   5mm Round Lamp
QBL8SA40D ETC2-QBL8SA40D Datasheet
426Kb / 8P
   5mm Round Lamp
QBL8IB30C ETC2-QBL8IB30C Datasheet
570Kb / 6P
   5mm Round Lamp
QBL8IB35D ETC2-QBL8IB35D Datasheet
540Kb / 6P
   5mm Round Lamp
QBL8IB15C ETC1-QBL8IB15C Datasheet
567Kb / 6P
   5mm Round Lamp
logo
Kingbright Corporation
WP9294ZGC-G KINGBRIGHT-WP9294ZGC-G_15 Datasheet
325Kb / 6P
   5mm ROUND LED LAMP
WP9294SECK-J3 KINGBRIGHT-WP9294SECK-J3 Datasheet
321Kb / 5P
   5mm Round LED Lamp
WP9294QBC-G KINGBRIGHT-WP9294QBC-G Datasheet
420Kb / 6P
   5mm ROUND LED LAMP
WP9294SECK-J3 KINGBRIGHT-WP9294SECK-J3_15 Datasheet
318Kb / 6P
   5mm ROUND LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com