Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEDM8001VL Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CEDM8001VL
Description  20V, 100mA, MOSFETs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CEDM8001VL Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CEDM8001VL Datasheet HTML 1Page - Central Semiconductor Corp CEDM8001VL Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PB CEDM7001VL 8001VL
Mounting Pad Geometry
(Dimensions in mm)
Reel Packing Information
Package Type Options (Dimensions in mm)
Mechanical Drawing
Pinout Drawings
Tape Dimensions and Orientation (Dimensions in mm)
Direction of Unreeling
MARKING CODES
CEDM7001VL: 7
CEDM8001VL: 8
LEAD CODE:
1) Gate
2) Source
3) Drain
Tape Width: 8mm
Devices are taped in
accordance with
Electronic Industries
Association Standard
EIA-481-D
Reel
Size
Reels
per Box
(Max)
Parts
per Box
(Max)
Box Dimensions
Shipping
Weight (Max.)
INCH
CM
LB
KG
7”
9
18
40
108
72,000
144,000
320,000
864,000
9x9x5
9x9x9
21x9x9
27x9x17
23x23x13
23x23x23
53x23x23
69x23x43
3
6
13
34
2
3
6
16
N-Channel
P-Channel
Packaging Base /
Ordering Information
Reel
Size
Quantity
Central
Item No.
7”
8,000 pcs.
CEDM7001VL TR
CEDM8001VL TR
For further information contact:
Sales at Central Semiconductor Corp.
(631) 435-1110 or visit:
www.centralsemi.com
Innovative Discrete
Semiconductors
Package
Length
Width
Height
PD
(mW)
Central
Item Number
SOT-883VL
1.05
0.65
0.32
100
CEDM7001VL
CEDM8001VL
SOT-883L
1.05
0.65
0.40
100
CEDM7001
CEDM8001
SOT-953
1.05
1.05
0.50
250
CMNDM7001
CMNDM8001
SOT-523
1.70
1.70
0.78
250
CMUDM7001
CMUDM8001
145 Adams Avenue
Hauppauge New York 11788 USA Tel:(631) 435-1110 Fax:(631) 435-1824
CEDM7001VL (N-Channel)
CEDM8001VL (P-Channel)
20V, 100mA, MOSFETs in the
very low profile SOT-883VL package


Similar Part No. - CEDM8001VL

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CEDM8001VL CENTRAL-CEDM8001VL Datasheet
964Kb / 4P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
More results

Similar Description - CEDM8001VL

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
PB_CMNDM7001_1509 CENTRAL-PB_CMNDM7001_1509 Datasheet
1Mb / 2P
   20V, 100mA, MOSFETs
CMNDM7001_8001 CENTRAL-CMNDM7001_8001 Datasheet
1Mb / 2P
   20V, 100mA, MOSFETs in the miniature SOT-953 package
logo
Bruckewell Technology L...
MS23P19Z BWTECH-MS23P19Z Datasheet
581Kb / 6P
   20V P-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK2309DFN22 FS-FTK2309DFN22 Datasheet
988Kb / 5P
   20V P-Channel MOSFETs
FTK2309S FS-FTK2309S Datasheet
940Kb / 5P
   20V P-Channel MOSFETs
FTK2320X FS-FTK2320X Datasheet
798Kb / 5P
   20V N-Channel MOSFETs
logo
Rohm
RV2C001ZP ROHM-RV2C001ZP Datasheet
765Kb / 11P
   Pch -20V -100mA Small Signal MOSFET
logo
E-CMOS Corporation
EC772320W E-CMOS-EC772320W Datasheet
178Kb / 4P
   20V N-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK2004 FS-FTK2004 Datasheet
653Kb / 4P
   20V N-Channel MOSFETs
FTK2306DFN33 FS-FTK2306DFN33 Datasheet
777Kb / 5P
   20V N-Channel MOSFETs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com