Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEDM8001VL Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CEDM8001VL
Description  20V, 100mA, MOSFETs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CEDM8001VL Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CEDM8001VL Datasheet HTML 1Page - Central Semiconductor Corp CEDM8001VL Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20V, 100mA, MOSFETs
in the very low profile SOT-883VL package
Central Semiconductor’s CEDM7001VL (N-Channel) and
CEDM8001VL (P-Channel) are Enhancement-mode MOSFETs
packaged in the very low profile SOT-883VL case. These devices
are designed for space constrained high speed amplifier and driver
applications where package height is a critical design element.
These MOSFETs offers low rDS(ON) and low gate charge.
CEDM7001VL (N-Channel)
CEDM8001VL (P-Channel)
SOT-883VL
Top View
Bottom View
145 Adams Avenue
Hauppauge New York 11788 USA www.centralsemi.com
• High power density
• Very low package profile (0.32mm)
• Space saving surface mount package
Benefits:
Features:
• Low rDS(ON)
• Low threshold voltage
• Logic level compatible
Applications:
• Load/Power switches
• DC-DC converters
• Power management
Typical Electrical Characteristics
Maximum Ratings (TA = 25˚C)
Electrical Characteristics: (TA = 25˚C)
Type No.
ID
(mA)
MAX
PD
(mW)
MAX
TJ, Tstg
(˚C)
MAX
BVDSS
(V)
MIN
VGS(th)
(V)
MIN
MAX
rDS(ON)
@ VGS
@ ID
(Ω)
(Ω)
(V)
(mA)
TYP
MAX
Qgs
(nC)
TYP
Ciss
(pF)
TYP
Crss
(pF)
TYP
CEDM7001VL
100
100
-65 to +150
20
0.6
0.9
0.9
1.3
3.0
4.0
4.0
2.5
10
10
0.16
9.0
4.0
CEDM8001VL
100
100
-65 to +150
20
0.6
1.1
1.9
2.4
8.0
12
4.0
2.5
10
10
0.158
45
15
Package Profile Comparison:
The SOT-883VL has a
46% lower profile than the SOT-883 and
a
20% lower profile than the SOT-883L.
SOT-883
SOT-883L
SOT-883VL
0.4mm
0.6mm
0.32mm
Services:
Weblink/Samples:
For more information
or to request
samples visit:
www.centralsemi.com/info/LPMOSFETs
• Bonded Inventory
• Custom Electrical Screening
• Custom Electrical Characteristic Curves
• SPICE Models
• Custom Packaging
• Package Base Options
• Custom Device Development /
Multi Discrete Modules (MDM™)
• Bare Die for Hybrid Applications
CEDM7001VL (N-Channel)
CEDM8001VL (P-Channel)
Product Brief
Product Brief


Similar Part No. - CEDM8001VL

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CEDM8001VL CENTRAL-CEDM8001VL Datasheet
964Kb / 4P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
More results

Similar Description - CEDM8001VL

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
PB_CMNDM7001_1509 CENTRAL-PB_CMNDM7001_1509 Datasheet
1Mb / 2P
   20V, 100mA, MOSFETs
CMNDM7001_8001 CENTRAL-CMNDM7001_8001 Datasheet
1Mb / 2P
   20V, 100mA, MOSFETs in the miniature SOT-953 package
logo
Bruckewell Technology L...
MS23P19Z BWTECH-MS23P19Z Datasheet
581Kb / 6P
   20V P-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK2309DFN22 FS-FTK2309DFN22 Datasheet
988Kb / 5P
   20V P-Channel MOSFETs
FTK2309S FS-FTK2309S Datasheet
940Kb / 5P
   20V P-Channel MOSFETs
FTK2320X FS-FTK2320X Datasheet
798Kb / 5P
   20V N-Channel MOSFETs
logo
Rohm
RV2C001ZP ROHM-RV2C001ZP Datasheet
765Kb / 11P
   Pch -20V -100mA Small Signal MOSFET
logo
E-CMOS Corporation
EC772320W E-CMOS-EC772320W Datasheet
178Kb / 4P
   20V N-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK2004 FS-FTK2004 Datasheet
653Kb / 4P
   20V N-Channel MOSFETs
FTK2306DFN33 FS-FTK2306DFN33 Datasheet
777Kb / 5P
   20V N-Channel MOSFETs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com