Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBL8IW35D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QBL8IW35D
Description  5mm Round LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBL8IW35D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QBL8IW35D Datasheet HTML 1Page - List of Unclassifed Manufacturers QBL8IW35D Datasheet HTML 2Page - List of Unclassifed Manufacturers QBL8IW35D Datasheet HTML 3Page - List of Unclassifed Manufacturers QBL8IW35D Datasheet HTML 4Page - List of Unclassifed Manufacturers QBL8IW35D Datasheet HTML 5Page - List of Unclassifed Manufacturers QBL8IW35D Datasheet HTML 6Page - List of Unclassifed Manufacturers QBL8IW35D Datasheet HTML 7Page - List of Unclassifed Manufacturers QBL8IW35D Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
QBL8IW35D
5mm Round Lamp
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBL8IW35D
Date: 09/03/2015
Page 2 of 8
Version# 1.0
Table of Contents:
Introduction ...........................................................................................................................................3
Electrical / Optical Characteristic (Ta=25
oC) ........................................................................................4
Absolute Maximum Rating ....................................................................................................................4
CIE Chromaticity Diagram.....................................................................................................................5
Characteristic Curves............................................................................................................................6
Labeling ................................................................................................................................................7
Ordering Information .............................................................................................................................7
Revision History ....................................................................................................................................8
Disclaimer .............................................................................................................................................8


Similar Part No. - QBL8IW35D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBL8IW35D ETC2-QBL8IW35D Datasheet
540Kb / 6P
   5mm Round Lamp
More results

Similar Description - QBL8IW35D

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C512A MARKTECH-C512A Datasheet
979Kb / 10P
   5mm Round LED
logo
Cree, Inc
C535A-WJN CREE-C535A-WJN Datasheet
339Kb / 7P
   5mm Round LED
C535A-WJN-877 CREE-C535A-WJN-877 Datasheet
849Kb / 13P
   5mm Round LED
logo
Marktech Corporate
C503B_WAN MARKTECH-C503B_WAN Datasheet
1Mb / 10P
   5mm Round LED
C503B_WAN MARKTECH-C503B_WAN_15 Datasheet
1Mb / 10P
   5mm Round LED
C535A MARKTECH-C535A_15 Datasheet
509Kb / 9P
   5mm Round LED
logo
Cree, Inc
C503D-WAN CREE-C503D-WAN Datasheet
701Kb / 9P
   5mm Round LED
logo
Marktech Corporate
C535A MARKTECH-C535A Datasheet
509Kb / 9P
   5mm Round LED
logo
Cree, Inc
C512T-WNS CREE-C512T-WNS_11 Datasheet
928Kb / 9P
   5mm Round LED
logo
Marktech Corporate
C512A MARKTECH-C512A_15 Datasheet
979Kb / 10P
   5mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com