Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11L1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # H11L1
Description  6-PIN DIP PHOTOCOUPLER SCHMITT TRIGGER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

H11L1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  H11L1 Datasheet HTML 1Page - List of Unclassifed Manufacturers H11L1 Datasheet HTML 2Page - List of Unclassifed Manufacturers H11L1 Datasheet HTML 3Page - List of Unclassifed Manufacturers H11L1 Datasheet HTML 4Page - List of Unclassifed Manufacturers H11L1 Datasheet HTML 5Page - List of Unclassifed Manufacturers H11L1 Datasheet HTML 6Page - List of Unclassifed Manufacturers H11L1 Datasheet HTML 7Page - List of Unclassifed Manufacturers H11L1 Datasheet HTML 8Page - List of Unclassifed Manufacturers H11L1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
H11L1
H11L2
H11L3
6-PIN DIP PHOTOCOUPLER
SCHMITT TRIGGER
Product: H11L1 H11L2 H11L3
Date: April 07, 2011
Page 5 of 12
Version# 1.1
Electrical Characteristic: (T=25 oC)
Emitter
Symbol
Characteristic
Device
Test Condition
Range
Unit
Min
Typ
Max
VF
Forward voltage
H11L1
H11L2
H11L3
IF = 10mA
-
1.2
1.5
V
IR
Reverse current
H11L1
H11L2
H11L3
VR = 3V
-
-
10
µA
CJ
Capacitance
H11L1
H11L2
H11L3
V = 0, f = 1KHz
-
-
100
pF
Detector
Symbol
Characteristic
Device
Test Condition
Range
Unit
Min
Typ
Max
VCC
Operation Voltage Range
H11L1
H11L2
H11L3
3
-
15
V
ICC(off)
Supply Current
H11L1
H11L2
H11L3
IF = 0mA, VCC =5v
-
3
mA
ICH
Output Current, High
H11L1
H11L2
H11L3
IF = 0mA, VCC =VO
= 15V
-
-
100
V
Isolation Characteristics
RISO
Isolation Resistance
H11L1
H11L2
H11L3
VI-O = 500VCD
10
11
-
-
VISO
Isolation Voltage
Ioff<0.3mA, AC, 60s
5300
Vrms


Similar Part No. - H11L1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11L1 MOTOROLA-H11L1 Datasheet
275Kb / 6P
   6-Pin DIP Optoisolators Logic Output
logo
QT Optoelectronics
H11L1 QT-H11L1 Datasheet
434Kb / 6P
   MICROPROCESSOR COMPLATIBLE CAAS SCHMITT TRIGGER OPTOCOUPLERS
H11L1 QT-H11L1 Datasheet
276Kb / 6P
   6-pin dip optoisolators logic output
logo
List of Unclassifed Man...
H11L1 ETC1-H11L1 Datasheet
62Kb / 3P
   MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
logo
Everlight Electronics C...
H11L1 EVERLIGHT-H11L1 Datasheet
297Kb / 11P
   6 PIN DIP PHOTO COUPLER
More results

Similar Description - H11L1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
H11LX EVERLIGHT-H11LX_14 Datasheet
695Kb / 11P
   6 PIN DIP SCHMITT TRIGGER PHOTOCOUPLER
H11LX EVERLIGHT-H11LX_13 Datasheet
696Kb / 11P
   6 PIN DIP SCHMITT TRIGGER PHOTOCOUPLER
logo
ON Semiconductor
H11N1M ONSEMI-H11N1M Datasheet
225Kb / 8P
   6-Pin DIP Schmitt Trigger Output Optocoupler
April, 2019 ??Rev. 3
H11L1M ONSEMI-H11L1M Datasheet
340Kb / 9P
   6-Pin DIP Schmitt Trigger Output Optocoupler
June, 2020 ??Rev. 3
logo
Everlight Electronics C...
TIL11X EVERLIGHT-TIL11X Datasheet
419Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
H11AAX EVERLIGHT-H11AAX_15 Datasheet
828Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X_08 Datasheet
394Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
CNY17-X EVERLIGHT-CNY17-X Datasheet
400Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com