Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4573CWI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4573CWI
Description  Serially Controlled, Clickless Audio/Video Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4573CWI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4573CWI Datasheet HTML 1Page - Maxim Integrated Products MAX4573CWI Datasheet HTML 2Page - Maxim Integrated Products MAX4573CWI Datasheet HTML 3Page - Maxim Integrated Products MAX4573CWI Datasheet HTML 4Page - Maxim Integrated Products MAX4573CWI Datasheet HTML 5Page - Maxim Integrated Products MAX4573CWI Datasheet HTML 6Page - Maxim Integrated Products MAX4573CWI Datasheet HTML 7Page - Maxim Integrated Products MAX4573CWI Datasheet HTML 8Page - Maxim Integrated Products MAX4573CWI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Serially Controlled, Clickless
Audio/Video Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +3V Supply (continued)
(V+ = +3V ±10%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
ns
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
-10
10
TA = TMIN to TMAX
CONDITIONS
COM _ On-Leakage
Current (Notes 6 and 10)
ICOM_ (ON)
VCOM_ = 3V, 0.5V;
VNO_ _ = 3V, 0.5V,
or floating;
V+ = 3.6V
-0.2
0.01
0.2
nA
Total Harmonic Distortion
plus Noise
THD+N
fIN = 1kHz, RL = 600Ω, VNO_ = 0.5VRMS,
VNO_ _ = 1.5V
0.07
%
Off-Isolation (Note 7)
VISO(A)
VNO_ _ = 0.5VRMS, fIN = 20kHz, RL = 600Ω,
Figure 1
-90
dB
Channel-to-Channel Crosstalk
VCT(A)
VNO_ _ = 0.5VRMS, fIN = 20kHz, RS = 600Ω,
Figure 1
-90
dB
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Off-Isolation (Note 7)
VISO(V)
VNO_ _ = 0.5VRMS, fIN = 10MHz, RL = 50Ω,
Figure 1
-50
dB
Channel-to-Channel Crosstalk
VCT(V)
VNO_ _ = 0.5VRMS, fIN = 10MHz, RS = 50Ω,
Figure 1
-52
dB
-3dB Bandwidth
BW
RSOURCE = 50Ω, RL = 50Ω, CL = 35pF
>150
MHz
Off Capacitance
COFF(NO)
fIN = 1MHz
9
pF
Turn-On Time
tONSD
VNO_ _ = 1.5V,
RL = 5kΩ, CL = 35pF
300
900
ns
1000
TA = +25°C
TA = TMIN to TMAX
10
On-Resistance
Flatness (Note 5)
RFLAT
ICOM_ = 4mA;
V+ = 2.7V;
VNO_ _ = 1V, 5V, 2V
410
TA = +25°C
TA = TMIN to TMAX
Turn-Off Time
tOFFSD
VNO_ _ = 1.5V,
RL = 300Ω, CL = 35pF
100
300
400
VNO_ _ = 1.5V, TA = TMIN to TMAX
Break-Before-Make Time
tBBM
10
200
ns
VNO_ _ = 1.5V, RL = 5kΩ, CL = 35pF,
TA = +25°C
Turn-On Time
tONSE
8
ms
VNO_ _ = 1.5V, RL = 300Ω, CL = 35pF,
TA = +25°C
Turn-Off Time
tOFFSE
3
ms
TA = +25°C
TA = TMIN to TMAX
-10
10
COM_ Off-Leakage
Current (Notes 6 and 10)
ICOM_ (OFF)
VNO_ _ = 3V, 0.5V;
VCOM_ = 0.5V, 3V;
V+ = 3.6V
-0.2
0.01
0.2
nA
TA = +25°C
TA = TMIN to TMAX
-10
10
NO_ _Off-Leakage
Current (Notes 6 and 10)
INO_ _ (OFF)
VNO_ _ = 3V, 0.5V;
VCOM_ = 0.5V, 3V;
V+ = 3.6V
-0.2
0.01
0.2
nA
AUDIO PERFORMANCE
VIDEO PERFORMANCE
DYNAMIC TIMING WITH CLICKLESS MODE DISABLED (Notes 8 and 12, Figure 2)
DYNAMIC TIMING WITH CLICKLESS MODE ENABLED (Notes 8 and 12, Figure 2)


Similar Part No. - MAX4573CWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX457 MAXIM-MAX457 Datasheet
160Kb / 4P
   Dual CMOS Video Amplifier
Rev 0; 2/89
MAX4570CAI MAXIM-MAX4570CAI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4570CWI MAXIM-MAX4570CWI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4570EAI MAXIM-MAX4570EAI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4570EWI MAXIM-MAX4570EWI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
More results

Similar Description - MAX4573CWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4562 MAXIM-MAX4562 Datasheet
219Kb / 16P
   Serially Controlled, Clickless Audio/Video Switches
Rev 0; 4/99
MAX4550 MAXIM-MAX4550 Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4584 MAXIM-MAX4584 Datasheet
135Kb / 12P
   Serially Controlled Audio/Video Switches
Rev 0; 8/99
MAX4548 MAXIM-MAX4548 Datasheet
273Kb / 20P
   Serially Controlled, Triple 3x2 Audio/Video Crosspoint Switches
Rev 0; 6/99
logo
Analog Devices
ADG739 AD-ADG739_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
ADG738 AD-ADG738_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
ADG715 AD-ADG715_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
logo
Maxim Integrated Produc...
MAX4910 MAXIM-MAX4910 Datasheet
676Kb / 13P
   Quad-SPDT, Clickless Audio Switches with Negative Signal Handling
Rev 0; 2/06
logo
Analog Devices
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com