Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY17 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CNY17
Description  6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CNY17 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CNY17 Datasheet HTML 1Page - List of Unclassifed Manufacturers CNY17 Datasheet HTML 2Page - List of Unclassifed Manufacturers CNY17 Datasheet HTML 3Page - List of Unclassifed Manufacturers CNY17 Datasheet HTML 4Page - List of Unclassifed Manufacturers CNY17 Datasheet HTML 5Page - List of Unclassifed Manufacturers CNY17 Datasheet HTML 6Page - List of Unclassifed Manufacturers CNY17 Datasheet HTML 7Page - List of Unclassifed Manufacturers CNY17 Datasheet HTML 8Page - List of Unclassifed Manufacturers CNY17 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CNY17 & CNY17F
6-PIN DIP PHOTOTRANSISTOR
OPTOCOUPLER
Product: CNY17 & CNY17F
Date: February 1, 2011
Page 5 of 16
Version# 1.1
Electrical Characteristic (TA=25 oC)
Symbol
Characteristic
Device
Test Condition
Range
Unit
Min
Typ
Max
Emitter
VF
Forward Voltage
CNY17
CNY17F
If = 60mA
-
-
1.65
V
IR
Reverse Current
VR = 6V
-
-
10
µA
Cin
Input Capacitance
V = 0, f = 1MHz
-
18
-
pF
Detector
Min
Typ
Max
ICBO
Collector-Base Dark Current
CNY17
VCB = 10V,
IF= 0 mA
-
-
20
nA
BVCBO
Collector-Base Breakdown
Voltage
IC = 0.1mA,
IF= 0 mA
80
-
-
V
ICEO
Collector-Emitter Dark Current
CNY17F
VCE = 10V,
IF= 0 mA
-
-
50
nA
BVCEO
Collector-Emitter Breakdown
Voltage
IC = 1mA,
IF= 0 mA
80
-
-
V
BVECO
Emitter-Collector Breakdown
Voltage
CNY17
CNY17F
IE = 0.1mA,
IF= 0 mA
7
-
-
V
CCE
Collector-Emitter Capacitance
VCE = 0V, f=1MHz
-
8
-
pF


Similar Part No. - CNY17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
logo
Siemens Semiconductor G...
CNY17 SIEMENS-CNY17 Datasheet
146Kb / 4P
   TRIOS??PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
CNY17 FAIRCHILD-CNY17 Datasheet
228Kb / 11P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Vishay Siliconix
CNY17 VISHAY-CNY17 Datasheet
129Kb / 9P
   Optocoupler, Phototransistor Output,
Rev. 1.5, 09-Nov-05
logo
List of Unclassifed Man...
CNY17 ETC2-CNY17 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
More results

Similar Description - CNY17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNY17-1 ETC2-CNY17-1 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
TIL111 ETC1-TIL111 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
TIL111 ETC2-TIL111 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Q825 ETC1-Q825 Datasheet
530Kb / 10P
   8-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Q815 ETC1-Q815 Datasheet
464Kb / 12P
   4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Unisonic Technologies
83CXXX UTC-83CXXX_15 Datasheet
163Kb / 5P
   4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
List of Unclassifed Man...
Q814 ETC1-Q814 Datasheet
502Kb / 13P
   4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Q827 ETC1-Q827 Datasheet
470Kb / 13P
   8-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
4N2X ETC2-4N2X Datasheet
654Kb / 17P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLER
4N2X ETC1-4N2X Datasheet
654Kb / 17P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com