Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK550SB Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # SK550SB
Description  5.0Amp. Surface Mount Schottky Barrier Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SK550SB Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  SK550SB Datasheet HTML 1Page - Cystech Electonics Corp. SK550SB Datasheet HTML 2Page - Cystech Electonics Corp. SK550SB Datasheet HTML 3Page - Cystech Electonics Corp. SK550SB Datasheet HTML 4Page - Cystech Electonics Corp. SK550SB Datasheet HTML 5Page - Cystech Electonics Corp. SK550SB Datasheet HTML 6Page - Cystech Electonics Corp. SK550SB Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C337SB
Issued Date : 2005.12.07
Revised Date :2014.04.30
Page No. : 3/7
SK520SB-SK5100SB
CYStek Product Specification
Typical Characteristics
Forward Current Derating Curve
0
1
2
3
4
5
6
0
50
100
150
200
Ambient Temperature---TA(℃)
SK550-SK5100
SK520-SK540
Maximum Non-Repetitive Forward Surge Current
0
20
40
60
80
100
120
140
160
110
100
Number of Cycles at 60Hz
Tj=25℃, 8.3ms Single Half
Sine Wave
JEDEC method
Forward Current vs Forward Voltage
0.01
0.1
1
10
100
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
Forward Voltage---VF(V)
Tj=25℃, Pulse width=300μs,
1% Duty cycle
SK520-SK540
SK550-SK560
SK580-SK5100
Junction Capacitance vs Reverse Voltage
0
200
400
600
800
1000
1200
1400
0.01
0.1
1
10
100
Reverse Voltage---VR(V)
Reverse Leakage Current vs Reverse Voltage
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
Percent of Rated Peak
Reverse Voltage---(%)
Tj=75℃
Tj=25℃


Similar Part No. - SK550SB

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK550 CYSTEKEC-SK550 Datasheet
209Kb / 7P
   5.0Amp. Surface Mount Schottky Barrier Diodes
SK550 CYSTEKEC-SK550 Datasheet
151Kb / 5P
   5.0Amp. Surface Mount Schottky Barrier Diodes
SK550 CYSTEKEC-SK550 Datasheet
397Kb / 6P
   Surface Mount Schottky Barrier Diodes
logo
DIYI Electronic Technol...
SK550D DYELEC-SK550D Datasheet
1Mb / 3P
   SCHOTTKY BARRIER RECTIFIERS
SK550P DYELEC-SK550P Datasheet
1Mb / 3P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SK550SB

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK560SC CYSTEKEC-SK560SC Datasheet
195Kb / 6P
   5.0Amp. Surface Mount Schottky Barrier Diodes
SK540SB CYSTEKEC-SK540SB Datasheet
236Kb / 7P
   5.0Amp. Surface Mount Schottky Barrier Diodes
SK520SB CYSTEKEC-SK520SB Datasheet
209Kb / 7P
   5.0Amp. Surface Mount Schottky Barrier Diodes
SK560SB CYSTEKEC-SK560SB Datasheet
236Kb / 7P
   5.0Amp. Surface Mount Schottky Barrier Diodes
SK520SC CYSTEKEC-SK520SC Datasheet
151Kb / 5P
   5.0Amp. Surface Mount Schottky Barrier Diodes
CSMC520-5100SC CYSTEKEC-CSMC520-5100SC Datasheet
144Kb / 3P
   5.0Amp. Surface Mount Schottky Barrier Diodes
SK5100SB CYSTEKEC-SK5100SB Datasheet
236Kb / 7P
   5.0Amp. Surface Mount Schottky Barrier Diodes
SMB520-5100SB CYSTEKEC-SMB520-5100SB Datasheet
209Kb / 7P
   5.0Amp. Surface Mount Schottky Barrier Diodes
SK5100SC CYSTEKEC-SK5100SC Datasheet
195Kb / 6P
   5.0Amp. Surface Mount Schottky Barrier Diodes
SK5150SC CYSTEKEC-SK5150SC Datasheet
213Kb / 4P
   5.0Amp. Surface Mount Schottky Barrier Diodes
SK580SB CYSTEKEC-SK580SB Datasheet
236Kb / 7P
   5.0Amp. Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com