Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4588EWI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4588EWI
Description  Low-Voltage, High-Isolation, Dual 4-Channel RF/Video Multiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4588EWI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4588EWI Datasheet HTML 5Page - Maxim Integrated Products MAX4588EWI Datasheet HTML 6Page - Maxim Integrated Products MAX4588EWI Datasheet HTML 7Page - Maxim Integrated Products MAX4588EWI Datasheet HTML 8Page - Maxim Integrated Products MAX4588EWI Datasheet HTML 9Page - Maxim Integrated Products MAX4588EWI Datasheet HTML 10Page - Maxim Integrated Products MAX4588EWI Datasheet HTML 11Page - Maxim Integrated Products MAX4588EWI Datasheet HTML 12Page - Maxim Integrated Products MAX4588EWI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Low-Voltage, High-Isolation,
Dual 4-Channel RF/Video Multiplexer
_______________________________________________________________________________________
9
1p
100p
10p
10n
1n
1
µ
100n
10
µ
-40
0
20
-20
40
60
80
100 120
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
IL
I+
I-
-90
-60
-70
-80
-50
-40
-30
-20
-10
0
10
100k
1M
10M
100M
1G
INSERTION LOSS, OFF-ISOLATION,
AND CROSSTALK vs. FREQUENCY
(DUAL SUPPLIES)
FREQUENCY (Hz)
ON LOSS
RS = 75Ω
RL = 600Ω
CROSSTALK
OFF-ISOLATION
-90
-60
-70
-80
-50
-40
-30
-20
-10
0
10
100k
1M
10M
100M
1G
INSERTION LOSS, OFF-ISOLATION,
AND CROSSTALK vs. FREQUENCY
(SINGLE SUPPLY)
FREQUENCY (Hz)
INSERTION LOSS
OFF-ISOLATION
CROSSTALK
RS = 75Ω
RL = 600Ω
Typical Operating Characteristics (continued)
(V+ = VL = +5V, V- = -5V, TA = +25°C, unless otherwise noted.)
0
200
100
400
300
500
600
2.5
4.0
4.5
3.0
3.5
5.0
5.5
6.0
ON/OFF TIME vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (±V)
tOFF
tON
0
100
300
200
400
500
-40 -30 -20 -10 0 1020304050607080
ON/OFF TIME vs. TEMPERATURE
TEMPERATURE (°C)
tOFF
tON


Similar Part No. - MAX4588EWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX458 MAXIM-MAX458 Datasheet
135Kb / 16P
   8x4 Video Crosspoint Switches with Buffers
Rev 2; 4/95
MAX458-MAX459 MAXIM-MAX458-MAX459 Datasheet
135Kb / 16P
   8x4 Video Crosspoint Switches with Buffers
Rev 2; 4/95
MAX4580 MAXIM-MAX4580 Datasheet
193Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4580 MAXIM-MAX4580 Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4580-MAX4600 MAXIM-MAX4580-MAX4600 Datasheet
193Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
More results

Similar Description - MAX4588EWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4589 MAXIM-MAX4589 Datasheet
309Kb / 20P
   Low-Voltage, High-Isolation, Dual 2-Channel RF/Video Multiplexer
Rev 0; 1/99
logo
Intersil Corporation
HI-524 INTERSIL-HI-524_02 Datasheet
188Kb / 6P
   4-Channel Wideband and Video Multiplexer
logo
Renesas Technology Corp
HI-524 RENESAS-HI-524 Datasheet
522Kb / 6P
   4-Channel Wideband and Video Multiplexer
logo
Intersil Corporation
HI-524 INTERSIL-HI-524 Datasheet
161Kb / 6P
   4-Channel Wideband and Video Multiplexer
July 1999
logo
Toshiba Semiconductor
TC74VHC153F TOSHIBA-TC74VHC153F_V01 Datasheet
302Kb / 6P
   DUAL 4-CHANNEL MULTIPLEXER
1997-03-30
TC74VHC153F TOSHIBA-TC74VHC153F Datasheet
229Kb / 6P
   DUAL 4-CHANNEL MULTIPLEXER
TC74AC153P TOSHIBA-TC74AC153P Datasheet
261Kb / 7P
   DUAL 4-CHANNEL MULTIPLEXER
logo
Maxim Integrated Produc...
MAX4545 MAXIM-MAX4545 Datasheet
166Kb / 16P
   Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
Rev 0; 6/97
MAX4565 MAXIM-MAX4565 Datasheet
166Kb / 16P
   Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
Rev 0; 7/97
MAX4565 MAXIM-MAX4565_V01 Datasheet
1Mb / 17P
   Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com