Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LED20W-43-C0460-XX Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LED20W-43-C0460-XX
Description  Switch Mode LED Drivers with Isolation, Constant Current, Dimming & Constant Voltage
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED20W-43-C0460-XX Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LED20W-43-C0460-XX Datasheet HTML 1Page - List of Unclassifed Manufacturers LED20W-43-C0460-XX Datasheet HTML 2Page - List of Unclassifed Manufacturers LED20W-43-C0460-XX Datasheet HTML 3Page - List of Unclassifed Manufacturers LED20W-43-C0460-XX Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 4 of 4
SSL Solutions Faster Than The Speed Of Light®
“-PD” Option: PWM Dimming
PWM In
Sink
PWM Positive Dimming Typical Circuit
LED20W-xxx-Cxxxx-PD
PWM (+) Purple
PWM (-) Gray
Parameters
Minimum
Typical
Maximum
Absolute Maximum Voltage Range on PWM Input (Purple Wire)
-2.0 V
10 V
+15 V
Input LOW Level Voltage Range (Purple Wire)
-2.0 V
0 V
+5.5 V
Input HIGH Level Voltage Range (Purple Wire)
+9.0 V
10 V
+15 V
Current into PWM Input (Purple Wire)
0 mA
1.2 mA
Source Current out of PWM Input (Purple Wire)
0 mA
2 mA
PWM Input Signal Frequency
500 Hz
1500 Hz
PWM Input Signal Positive Duty Cycle
0%
10-90%
100%
Notes:
1. PWM Dimmable version comes with an extra 2 wires +Purple/-Gray on the output side.
2. Below 10% Duty cycle proper dimming operation is not assured. Unit is not intended to dim below 5% at 0% Duty Cycle.
3. PWM dimmable version output will be 100% with Purple/Gray open and minimum with Purple/Gray Shorted.
0%
10%
20%
30%
40%
50%
60%
70%
80%
90% 100%
Positive Duty Cycle
Output Current / 1.0kHz Positive Duty Cycle
0
10
20
30
40
50
60
70
80
90
100
LED20W Series


Similar Part No. - LED20W-43-C0460-XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED20W-43-C0460 ETC2-LED20W-43-C0460 Datasheet
726Kb / 3P
   Switch Mode LED Drivers with Isolation
More results

Similar Description - LED20W-43-C0460-XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRC-075D ETC2-TRC-075D Datasheet
731Kb / 3P
   Switch Mode LED Drivers - Constant Current
LED12W-48-C0250 ETC2-LED12W-48-C0250 Datasheet
619Kb / 2P
   Switch Mode LED Drivers Constant Current & Constant Voltage with Isolation Black Magic Thermal Advantage??Plastic Housing
LED17W-36-C0470 ETC2-LED17W-36-C0470 Datasheet
539Kb / 2P
   Switch Mode LED Drivers Constant Current & Constant Voltage with Isolation Black Magic Thermal Advantage??Plastic Housing
TRC-050S035ST ETC2-TRC-050S035ST Datasheet
547Kb / 1P
   Switch Mode LED Drivers,Constant Current
TRC-075S035ST ETC2-TRC-075S035ST Datasheet
580Kb / 2P
   Switch Mode LED Drivers - Constant Current
TRC-096S035ST ETC2-TRC-096S035ST Datasheet
521Kb / 2P
   Switch Mode LED Drivers, Constant Current
TRC-096S035DT ETC2-TRC-096S035DT Datasheet
697Kb / 3P
   Switch Mode LED Drivers,Constant Current
TRC-050S035DT ETC2-TRC-050S035DT Datasheet
722Kb / 3P
   Switch Mode LED Drivers - Constant Current
LED25W-72-C0350-XX ETC2-LED25W-72-C0350-XX Datasheet
811Kb / 4P
   Switch Mode LED Drivers Constant Current & Constant Voltage with Isolation Black Magic Thermal Advantage??Plastic Housing
TRC-060S035ST ETC2-TRC-060S035ST Datasheet
536Kb / 2P
   Switch Mode LED Drivers Constant Current
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com