Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSL-5122 Datasheet(PDF) 1 Page - Advanced Photonix, Inc.

Part # NSL-5122
Description  TO-18 Ceramic Package Photocell
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANCEDPHOTONIX [Advanced Photonix, Inc.]
Direct Link  http://www.advancedphotonix.com
Logo ADVANCEDPHOTONIX - Advanced Photonix, Inc.

NSL-5122 Datasheet(HTML) 1 Page - Advanced Photonix, Inc.

  NSL-5122 Datasheet HTML 1Page - Advanced Photonix, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are
subject to change without notice. © 2014 Advanced Photonix, Inc. All rights reserved.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935 • www.advancedphotonix.com
REV 02/06-15
TO-18 Ceramic Package Photocell
FEATURES
DESCRIPTION
APPLICATIONS
Passive resistance output
Ceramic package
The NSL-5122 is a light dependent resistor with sensitivity in the
visible light region. The CdS photoconductive cell is on a TO-18
ceramic and the photocell surface is plastic encapsulated for
moisture resistance.
.
Industrial
ABSOLUTE MAXIMUM RATING
(TA)= 23°C UNLESS OTHERWISE NOTED
Note:
(1) Derate linearly to 0 at 75
C
(2) >0.05
” from base for < 10 sec.
(3) Cells light adapted at 30 to 50 Ftc for 16 hrs
minimum prior to electrical tests.
SYMBOL
PARAMETER
MIN
MAX
UNITS
VP
Voltage (peak AC or DC)
100
V
Pd
Power Dissipation @ 25
˚C (1)
50
mW
TOp
Operating Temperature
-60
+75
°C
TStg
Storage Temperature
-60
+75
°C
TS
Soldering Temperature (2)
+260
°C
RELIABILITY
Contact API for recommendations on specific test conditions and procedures.
ELECTRO-OPTICAL CHARACTERISTICS
(TA)= 23°C, UNLESS OTHERWISE NOTED
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
RL
Light Resistance
2 ftc., 2854
˚K (3)
13
20
27
KΩ
100 ftc., 2854
˚K (3)
1.5
KΩ
RD
Dark Resistance
5 sec after removal of test light.
1.3
KΩ
P
Spectral Peak
550
nm
AdvancedPhotonix,Inc.
NSL-5122
Dimensions in mm.
Lead dia.: 0.4 +/- 0.05
1.8 Max
2.5
36 +/- 2
3.4 +/- 0.2
4.1 +/- 0.2


Similar Part No. - NSL-5122

ManufacturerPart #DatasheetDescription
logo
Silonex Inc.
NSL-5122 SILONEX-NSL-5122 Datasheet
31Kb / 1P
   TO-18 Photocells Ceramic Substrate
logo
Luna Innovations Incorp...
NSL-5122 LUNA-NSL-5122 Datasheet
70Kb / 2P
   Ceramic Package Photocell
More results

Similar Description - NSL-5122

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
NSL-5162 ADVANCEDPHOTONIX-NSL-5162 Datasheet
331Kb / 1P
   TO-18 Ceramic Package Photocell
NSL-5152 ADVANCEDPHOTONIX-NSL-5152 Datasheet
331Kb / 1P
   TO-18 Ceramic Package Photocell
NSL-5112 ADVANCEDPHOTONIX-NSL-5112 Datasheet
331Kb / 1P
   TO-18 Ceramic Package Photocell
NSL-4132 ADVANCEDPHOTONIX-NSL-4132 Datasheet
331Kb / 1P
   TO-18 Ceramic Package Photocell
NSL-4142 ADVANCEDPHOTONIX-NSL-4142 Datasheet
331Kb / 1P
   TO-18 Ceramic Package Photocell
NSL-4182 ADVANCEDPHOTONIX-NSL-4182 Datasheet
331Kb / 1P
   TO-18 Ceramic Package Photocell
logo
Luna Innovations Incorp...
NSL-4142 LUNA-NSL-4142 Datasheet
72Kb / 2P
   Ceramic Package Photocell
NSL5162 LUNA-NSL5162 Datasheet
97Kb / 2P
   Ceramic Package Photocell
NSL-4132 LUNA-NSL-4132 Datasheet
76Kb / 2P
   Ceramic Package Photocell
NSL-4172 LUNA-NSL-4172 Datasheet
72Kb / 2P
   Ceramic Package Photocell
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com