Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4572CEI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4572CEI
Description  Serially Controlled, Clickless Audio/Video Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4572CEI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4572CEI Datasheet HTML 6Page - Maxim Integrated Products MAX4572CEI Datasheet HTML 7Page - Maxim Integrated Products MAX4572CEI Datasheet HTML 8Page - Maxim Integrated Products MAX4572CEI Datasheet HTML 9Page - Maxim Integrated Products MAX4572CEI Datasheet HTML 10Page - Maxim Integrated Products MAX4572CEI Datasheet HTML 11Page - Maxim Integrated Products MAX4572CEI Datasheet HTML 12Page - Maxim Integrated Products MAX4572CEI Datasheet HTML 13Page - Maxim Integrated Products MAX4572CEI Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Serially Controlled, Clickless
Audio/Video Switches
10
______________________________________________________________________________________
Detailed Description
The MAX4571–MAX4574 are serial-interface controlled
switches with soft-mode “clickless” and hard-mode oper-
ating capability. The MAX4571/MAX4573 contain 11
SPST switches, while the MAX4572/MAX4574 contain
two SPST switches and six SPDT switches. The SPDT
switches are actually 2-to-1 multiplexers, in that each
SPDT is really two independent SPST switches with a
common node, as shown in the
Pin Configurations. Each
switch is controlled independently by either the SPI or
I2C interface.
Audio off-isolation is -90dB at 20kHz, crosstalk is at
least -90dB at 20kHz, and video off-isolation is at least
-50dB at 10MHz.
Each switch of any device may be set to operate in
either soft or hard mode. In soft mode, the switching
transition is slowed to avoid the audible “clicking” that
can occur when switches are used to route audio sig-
nals. In hard mode, the switches are not slowed down,
making this mode useful when a faster response is
required. If a new command is issued while any soft-
mode switch is transitioning, the switch transition time
is decreased so it reaches its final state before the new
command is executed. Soft mode is the power-up
default state for all switches. Switches in the same
mode are guaranteed to be break-before-make relative
to each other. Break-before-make does not apply
between switches operating in different modes.
These devices operate from a single supply of +2.7V to
+5.25V. The MAX4571/MAX4572 feature a 2-wire, I2C-
compatible serial interface, and the MAX4573/
MAX4574 feature a 3-wire, SPI/QSPI/MICROWIRE-com-
patible serial interface.
Applications Information
Switch Control
The MAX4571–MAX4574 have a common command
and control-bit structure, the differences being only in
the interface type (2-wire or 3-wire) and in the switch
configurations.
The SWITCHSET command controls the open/closed
states of the various switches. MODESET controls
soft/hard-mode states of the switches. There are also
NO_OP and RESET commands. The NO_OP command
is useful for daisy-chaining multiple 3-wire parts. The
RESET command places a device in a state identical to
its power-up state, with all switches open and in soft
switching mode.
Table 1 shows the configuration of the command bits
and their related commands. Table 2 shows the config-
uration of the data bits and their related switches. The
arrangement of the command bits and the data bits
depends on the interface type (2-wire or 3-wire). After a
SWITCHSET command is issued, a logic 1 in any data-
bit location closes the associated switch, while a logic 0
opens it. After a MODESET command, a logic 1 in any
data-bit location sets the associated switch into hard
mode, while a logic 0 sets it into soft mode.
2-Wire Serial Interface
The MAX4571/MAX4572 use a 2-wire, I2C-compatible
serial interface requiring only two I/O lines of a stan-
dard microprocessor port for communication. These
devices use the SendByte™ and WriteWord™ proto-
cols. The SendByte protocol is used only for the RESET
command. The WriteWord protocol is used for the
MODESET and SWITCHSET commands.
The first byte of any 2-wire serial-interface transaction is
always the address byte. To address a given chip, the
A0 and A1 bits in the address byte (Table 3) must dupli-
cate the values present at the A0 and A1 pins of that
chip, and the rest of the address bits must be config-
ured as shown in Table 3. Connect the A0 and A1 pins
to V+ or to GND, or drive them with CMOS logic levels.
The second byte is the command byte. The possible
commands are RESET, MODESET, and SWITCHSET.
RESET sets all switches to the initial power-up state
(open and in soft switching mode). The RESET com-
mand is executed on the rising clock edge of the
acknowledge bit after the command byte. The MODE-
SET and SWITCHSET commands are each followed by
two data bytes. The first data byte is buffered so all the
data latches switch together. MODESET and SWITCH-
SET are executed on the rising clock edge of the
acknowledge bit after the second data byte. Table 3
details the 2-wire interface data structure. Figures 3
and 4 and the
I/O Interface Characteristics detail the
timing of the 2-wire serial-interface protocol. All bytes of
the transmission, whether address, command, or data,
are sent MSB first.
The MAX4571/MAX4572 are receive-only devices and
must be controlled by a bus master device. A bus mas-
ter signals the beginning of a transmission with a start
condition by transitioning SDA from high to low while
SCL is high. The slave devices monitor the serial bus
continuously, waiting for a start condition followed by an
address byte. When a device recognizes its address
byte, it acknowledges by pulling the SDA line low for
one clock period; it is then ready to accept command
and data bytes. The device then issues a similar
acknowledgment after the command byte, and again
after each data byte. When the master has finished
SendByte and WriteWord are trademarks of Philips Corp.


Similar Part No. - MAX4572CEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX457 MAXIM-MAX457 Datasheet
160Kb / 4P
   Dual CMOS Video Amplifier
Rev 0; 2/89
MAX4570CAI MAXIM-MAX4570CAI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4570CWI MAXIM-MAX4570CWI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4570EAI MAXIM-MAX4570EAI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4570EWI MAXIM-MAX4570EWI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
More results

Similar Description - MAX4572CEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4562 MAXIM-MAX4562 Datasheet
219Kb / 16P
   Serially Controlled, Clickless Audio/Video Switches
Rev 0; 4/99
MAX4550 MAXIM-MAX4550 Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4584 MAXIM-MAX4584 Datasheet
135Kb / 12P
   Serially Controlled Audio/Video Switches
Rev 0; 8/99
MAX4548 MAXIM-MAX4548 Datasheet
273Kb / 20P
   Serially Controlled, Triple 3x2 Audio/Video Crosspoint Switches
Rev 0; 6/99
logo
Analog Devices
ADG739 AD-ADG739_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
ADG738 AD-ADG738_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
ADG715 AD-ADG715_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
logo
Maxim Integrated Produc...
MAX4910 MAXIM-MAX4910 Datasheet
676Kb / 13P
   Quad-SPDT, Clickless Audio Switches with Negative Signal Handling
Rev 0; 2/06
logo
Analog Devices
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com