Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4578EAP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4578EAP
Description  High-Voltage, Single 8-to-1/ Dual 4-to-1 Cal-Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4578EAP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4578EAP Datasheet HTML 4Page - Maxim Integrated Products MAX4578EAP Datasheet HTML 5Page - Maxim Integrated Products MAX4578EAP Datasheet HTML 6Page - Maxim Integrated Products MAX4578EAP Datasheet HTML 7Page - Maxim Integrated Products MAX4578EAP Datasheet HTML 8Page - Maxim Integrated Products MAX4578EAP Datasheet HTML 9Page - Maxim Integrated Products MAX4578EAP Datasheet HTML 10Page - Maxim Integrated Products MAX4578EAP Datasheet HTML 11Page - Maxim Integrated Products MAX4578EAP Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
High-Voltage, Single 8-to-1/
Dual 4-to-1 Cal-Multiplexers
8
_______________________________________________________________________________________
150
350
250
550
450
650
750
-15
-10
-5
0
5
10
15
ON-RESISTANCE vs. VCOM
(DUAL SUPPLIES)
VCOM (V)
±4.5V
±7.5V
±10V
±15V
±12V
0
50
100
150
200
250
300
350
400
-15
-5
-10
0
5
10
15
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (±15V DUAL SUPPLIES)
VCOM (V)
TA = +70°C
TA = +85°C
V+ = +15V
V- = -15V
TA = +25°C
TA = -40°C
0
200
100
300
600
700
500
400
800
-5
-3
-2
-1
0
-4
1
2
3
4
5
VCOM (V)
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (±5V DUAL SUPPLIES)
V+ = +5V
V- = -5V
TA = -40°C
TA = +25°C
TA = +85°C
TA = +70°C
300
700
500
1300
1100
900
1900
+4.5V
1700
1500
2100
0
5.0
2.5
7.5
10
12.5
ON-RESISTANCE vs. VCOM
(SINGLE SUPPLY)
VCOM (V)
+7.5V
+10V
+12V
0.0001
0.01
0.001
1
0.1
100
10
1000
-55
-15
5
-35
25
45
65
85 105 125
LEAKAGE CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
V+ = +15V
V- = -15V
INO (OFF)
ICOM (OFF)
ICOM (ON)
0
400
200
800
600
1200
1000
1400
1800
1600
2000
0
1.0 1.5 2.0
0.5
2.5 3.0 3.5
4.5
4.0
5.0
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (5V SINGLE SUPPLY)
VCOM (V)
TA = -40°C
TA = +85°C
TA = +70°C
TA = +25°C
V+ = +5V
0
200
100
400
300
600
500
700
0
4
6
2
8
10
12
VCOM (V)
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (12V SINGLE SUPPLY)
TA = -40°C
TA = +25°C
TA = +70°C
TA = +85°C
V+ = +12V
1m
100
µ
10
µ
1
µ
100n
10n
1n
-40
20
40
60
80
-20
0
100
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
I+
I-
0
200
100
400
300
600
500
700
5
9
7
11
13
6
10
8
12
14 15
TURN-ON/TURN-OFF TIME vs. SUPPLY
V+, V- (V)
tON
tOFF
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4578EAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX457 MAXIM-MAX457 Datasheet
160Kb / 4P
   Dual CMOS Video Amplifier
Rev 0; 2/89
MAX4570CAI MAXIM-MAX4570CAI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4570CWI MAXIM-MAX4570CWI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4570EAI MAXIM-MAX4570EAI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4570EWI MAXIM-MAX4570EWI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
More results

Similar Description - MAX4578EAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4539 MAXIM-MAX4539 Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4508 MAXIM-MAX4508 Datasheet
288Kb / 16P
   Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Rev 0; 1/99
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4708 MAXIM-MAX4708 Datasheet
408Kb / 14P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
MAX4534 MAXIM-MAX4534_05 Datasheet
585Kb / 14P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 2; 5/05
MAX4534 MAXIM-MAX4534 Datasheet
193Kb / 16P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
MAX4508 MAXIM-MAX4508_07 Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
logo
Aeroflex Circuit Techno...
UT54ACTS153E AEROFLEX-UT54ACTS153E Datasheet
150Kb / 8P
   Dual 4 to 1 Multiplexers
UT54ACS153 AEROFLEX-UT54ACS153 Datasheet
245Kb / 10P
   Dual 4 to 1 Multiplexers
logo
Maxim Integrated Produc...
MAX4638 MAXIM-MAX4638 Datasheet
315Kb / 15P
   3.5?? Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers
Rev 1; 3/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com