Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4547CSE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4547CSE
Description  Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4547CSE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4547CSE Datasheet HTML 7Page - Maxim Integrated Products MAX4547CSE Datasheet HTML 8Page - Maxim Integrated Products MAX4547CSE Datasheet HTML 9Page - Maxim Integrated Products MAX4547CSE Datasheet HTML 10Page - Maxim Integrated Products MAX4547CSE Datasheet HTML 11Page - Maxim Integrated Products MAX4547CSE Datasheet HTML 12Page - Maxim Integrated Products MAX4547CSE Datasheet HTML 13Page - Maxim Integrated Products MAX4547CSE Datasheet HTML 14Page - Maxim Integrated Products MAX4547CSE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Quad/Dual, Low-Voltage,
Bidirectional RF/Video Switches
______________________________________________________________________________________
11
On the MAX4545, GND5 and GND6 should always be
connected to the ground plane with solid copper to
improve isolation and crosstalk.
Signal Routing
Keep all signal leads as short as possible. Separate all
signal leads from each other and other traces with the
ground plane on both sides of the board. Where possi-
ble, use coaxial cable instead of printed circuit board
traces.
Board Layout
IC sockets degrade high-frequency performance and
should not be used if signal bandwidth exceeds 5MHz.
Surface-mount parts, having shorter internal lead
frames, provide the best high-frequency performance.
Keep all bypass capacitors close to the device, and
separate all signal leads with ground planes. Such
grounds tend to be wedge-shaped as they get closer to
the device. Use vias to connect the ground planes on
each side of the board, and place the vias in the apex of
the wedge-shaped grounds that separate signal leads.
Logic-level signal lead placement is not critical.
Impedance Matching
The typical on-resistances of the switches in the
MAX4545/MAX4546/MAX4547 are 14
Ω, but the off-
state impedances are approximately equal to a 6pF
capacitor. In coaxial systems, therefore, it is impossible
to match any impedance for both the on and off state. If
impedance matching is critical, the MAX4546 is best
suited, since its two sections can be configured as a
single on/off switch, as shown in Figure 2. This circuit
“wastes” switches and has higher losses, but has bet-
ter off isolation and maintains good impedance match-
ing in both the on and off states. The resistance values
shown in Figure 3 are optimized with ±5V supplies for
both 50
Ω and 75Ω systems at room temperature.
Multiplexer
With its excellent off isolation, the MAX4545 is ideal for
use in high-frequency video multiplexers. Figure 3
shows such an application for switching any one of four
video inputs to a single output. The same circuit may
be used as a demultiplexer by simply reversing the sig-
nal direction.
Stray capacitance of traces and the output capacitance
of switches placed in parallel reduces bandwidth, so the
outputs of no more than four individual switches should
be placed in parallel if high bandwidth is to be main-
tained. If more than four mux channels are needed, the
4-channel circuit should be duplicated and cascaded.
COM1
GND1
GND1
NC4
NO1
GND4
COM4
NC3
NO2
COM2
GND2
IN2
GND3
COM3
IN1
1
3
4
6
7
8
14
15
16
12
13
11
10
9
5
V-
V-
10nF
38
(61
Ω)
38
(61
Ω)
50
OUT/IN
82
(194
Ω)
50
IN/OUT
LOGIC
IN
2
V+
V+
10nF
SWITCHES SHOWN FOR LOGIC “0” INPUT
( ) ARE FOR 75 SYSTEMS.
SWITCH
LOGIC
0
1
OFF
ON
MAX4546
Figure 2. Impedance Matching On/Off Switch


Similar Part No. - MAX4547CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX454 MAXIM-MAX454 Datasheet
301Kb / 8P
   CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX4540 MAXIM-MAX4540 Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4540CAP MAXIM-MAX4540CAP Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4540CPP MAXIM-MAX4540CPP Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4540CWP MAXIM-MAX4540CWP Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
More results

Similar Description - MAX4547CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4565 MAXIM-MAX4565_V01 Datasheet
1Mb / 17P
   Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
2021
MAX4565 MAXIM-MAX4565 Datasheet
166Kb / 16P
   Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
Rev 0; 7/97
IH5341 MAXIM-IH5341 Datasheet
337Kb / 4P
   Dual/Quad RF/Video Switches
19-0946; Rev 1a; 12/94
MAX4529 MAXIM-MAX4529 Datasheet
123Kb / 12P
   Low-Voltage, Bidirectional RF/Video Switch
Rev 0; 3/98
MAX14611 MAXIM-MAX14611_14 Datasheet
574Kb / 15P
   Quad Bidirectional Low-Voltage Quad Bidirectional Low-Voltage
Rev 0; 4/12
logo
Vishay Siliconix
DG9424 VISHAY-DG9424_08 Datasheet
667Kb / 10P
   Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Rev. D, 01-Sep-03
DG9424 VISHAY-DG9424_09 Datasheet
169Kb / 12P
   Low-Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
Rev. E, 31-Aug-09
DG9424 VISHAY-DG9424 Datasheet
94Kb / 9P
   Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Rev. C, 16-Jun-03
DG9426 VISHAY-DG9426_V01 Datasheet
231Kb / 13P
   Low Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
01-Jan-2022
DG2018DN-T1-E4 VISHAY-DG2018DN-T1-E4 Datasheet
141Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com