Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4580 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4580
Description  1.25?? Dual SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4580 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4580 Datasheet HTML 4Page - Maxim Integrated Products MAX4580 Datasheet HTML 5Page - Maxim Integrated Products MAX4580 Datasheet HTML 6Page - Maxim Integrated Products MAX4580 Datasheet HTML 7Page - Maxim Integrated Products MAX4580 Datasheet HTML 8Page - Maxim Integrated Products MAX4580 Datasheet HTML 9Page - Maxim Integrated Products MAX4580 Datasheet HTML 10Page - Maxim Integrated Products MAX4580 Datasheet HTML 11Page - Maxim Integrated Products MAX4580 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1.25
, Dual SPST,
CMOS Analog Switches
8
_______________________________________________________________________________________
___________Applications Information
Overvoltage Protection
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute maxi-
mum ratings, because stresses beyond the listed rat-
ings can cause permanent damage to the devices.
Always sequence V+ on first, then V-, followed by the
logic inputs, NO, or COM. If power-supply sequencing
is not possible, add two small signal diodes (D1, D2) in
series with supply pins for overvoltage protection
(Figure 1). Adding diodes reduces the analog signal
range to one diode drop below V+ and one diode drop
above V-, but does not affect the devices’ low switch
resistance and low leakage characteristics. Device
operation is unchanged, and the difference between V+
and V- should not exceed 44V. These protection diodes
are not recommended when using a single supply.
COM_
V-
V+
NO_
* INTERNAL PROTECTION DIODES
D2
D1
-15V
+15V
MAX4580
MAX4590
MAX4600
*
*
*
*
tr < 20ns
tf < 20ns
50%
0
LOGIC
INPUT
V-
-15V
RL
100
NO_
OR NC_
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
SWITCH
INPUT
IN_
+3V
tOFF
0
COM_
SWITCH
OUTPUT
0.9V0
0.9V0
tON
VO
SWITCH
OUTPUT
LOGIC
INPUT
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
VL
V+
CL
35pF
+5V
+15V
VO
VCOM_
0
REPEAT TEST FOR EACH SWITCH. FOR LOAD
CONDITIONS, SEE
Electrical Characteristics.
MAX4580
MAX4590
MAX4600
VO = VCOM
(
)
RL + RON
RL
Figure 1. Overvoltage Protection Using External Blocking
Diodes
Figure 2. Switching-Time Test Circuit


Similar Part No. - MAX4580

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4580 MAXIM-MAX4580 Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4580CAE MAXIM-MAX4580CAE Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4580CPE MAXIM-MAX4580CPE Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4580CWE MAXIM-MAX4580CWE Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4580EAE MAXIM-MAX4580EAE Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
More results

Similar Description - MAX4580

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4680 MAXIM-MAX4680 Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4667 MAXIM-MAX4667 Datasheet
163Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4607 MAXIM-MAX4607_12 Datasheet
185Kb / 11P
   2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 3; 9/12
logo
Intersil Corporation
HI-200 INTERSIL-HI-200 Datasheet
383Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
October 1999
logo
Harris Corporation
DG201CJ HARRIS-DG201CJ Datasheet
90Kb / 8P
   CMOS Dual/Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4607 MAXIM-MAX4607_10 Datasheet
149Kb / 11P
   2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 2; 3/10
MAX4580 MAXIM-MAX4580_03 Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4607 MAXIM-MAX4607 Datasheet
164Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 1; 8/99
logo
Intersil Corporation
HI-200 INTERSIL-HI-200_05 Datasheet
337Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
HI-200 RENESAS-HI-200 Datasheet
566Kb / 11P
   Dual/Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com