Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4538CEE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4538CEE
Description  Quad, Low-Voltage, SPST Analog Switches with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4538CEE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4538CEE Datasheet HTML 4Page - Maxim Integrated Products MAX4538CEE Datasheet HTML 5Page - Maxim Integrated Products MAX4538CEE Datasheet HTML 6Page - Maxim Integrated Products MAX4538CEE Datasheet HTML 7Page - Maxim Integrated Products MAX4538CEE Datasheet HTML 8Page - Maxim Integrated Products MAX4538CEE Datasheet HTML 9Page - Maxim Integrated Products MAX4538CEE Datasheet HTML 10Page - Maxim Integrated Products MAX4538CEE Datasheet HTML 11Page - Maxim Integrated Products MAX4538CEE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Quad, Low-Voltage,
SPST Analog Switches with Enable
______________________________________________________________________________________
11
PART
MAX4537CPE
MAX4537CSE
MAX4537CEE
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Plastic DIP
16 Narrow SO
16 QSOP
MAX4537C/D
0°C to +70°C
Dice*
MAX4537EPE
MAX4537ESE
MAX4537EEE
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
16 Plastic DIP
16 Narrow SO
16 QSOP
MAX4538CPE
MAX4538CSE
MAX4538CEE
0°C to +70°C
0°C to +70°C
0°C to +70°C
16 Plastic DIP
16 Narrow SO
16 QSOP
MAX4538C/D
0°C to +70°C
Dice*
MAX4538EPE
MAX4538ESE
MAX4538EEE
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
16 Plastic DIP
16 Narrow SO
16 QSOP
*
Contact factory for availability.
__Ordering Information (continued)
_____________________Chip Topography
MAX4536
MAX4537
MAX4538
PIN
NAME
PIN
NAME
PIN
NAME
A
NO1
A
NC1
A
NO1
B
NO2
B
NC2
B
NC2
C
NO3
C
NC3
C
NC3
D
NO4
D
NC4
D
NO4
TRANSISTOR COUNT: 121
SUBSTRATE IS INTERNALLY CONNECTED TO V+
IN4
A
COM1
IN1
COM4
D
C
0.054"
(1.37mm)
0.053"
(1.35mm)
EN GND
V-
COM3
B
COM2
IN2
IN3
V+


Similar Part No. - MAX4538CEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX453 MAXIM-MAX453 Datasheet
301Kb / 8P
   CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX4530 MAXIM-MAX4530 Datasheet
148Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
Rev 0; 12/96
MAX4530-MAX4532 MAXIM-MAX4530-MAX4532 Datasheet
148Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
Rev 0; 12/96
MAX4530C/D MAXIM-MAX4530C/D Datasheet
148Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
Rev 0; 12/96
MAX4530CAP MAXIM-MAX4530CAP Datasheet
148Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
Rev 0; 12/96
More results

Similar Description - MAX4538CEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4521 MAXIM-MAX4521 Datasheet
155Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
MAX4521 MAXIM-MAX4521_07 Datasheet
529Kb / 15P
   Quad, Low-Voltage, SPST Analog Switches
Rev 6; 7/07
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
   Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com