Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4546ESE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4546ESE
Description  Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4546ESE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4546ESE Datasheet HTML 3Page - Maxim Integrated Products MAX4546ESE Datasheet HTML 4Page - Maxim Integrated Products MAX4546ESE Datasheet HTML 5Page - Maxim Integrated Products MAX4546ESE Datasheet HTML 6Page - Maxim Integrated Products MAX4546ESE Datasheet HTML 7Page - Maxim Integrated Products MAX4546ESE Datasheet HTML 8Page - Maxim Integrated Products MAX4546ESE Datasheet HTML 9Page - Maxim Integrated Products MAX4546ESE Datasheet HTML 10Page - Maxim Integrated Products MAX4546ESE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Quad/Dual, Low-Voltage,
Bidirectional RF/Video Switches
_______________________________________________________________________________________
7
0
0.4
0.2
0.6
1.2
1.4
1.0
0.8
1.6
0
1.0 1.5 2.0 2.5
0.5
3.0 3.5 4.0 4.5 5.0
LOGIC-LEVEL THRESHOLD
vs. POSITIVE SUPPLY VOLTAGE
V+ (V)
0
-120
0.1
10
1000
100
1
MAX4545
FREQUENCY RESPONSE
-100
-110
FREQUENCY (MHz)
-80
-90
-60
-50
-70
-40
-20
-10
-30
V+ = +5V
V- = -5V
5V
Ω INPUT
50
Ω OUTPUT
INSERTION LOSS
OFF ISOLATION
CROSSTALK
0
-100
1
10
100
1000
MAX4546
FREQUENCY RESPONSE
-60
-70
-80
-90
-30
-40
-50
-20
-10
FREQUENCY (MHz)
V+ = +5V
V- = -5V
5V
Ω INPUT
50
Ω OUTPUT
OFF ISOLATION
CROSSTALK
INSERTION
LOSS
10
0
-20
-10
-100
1
10
1000
FREQUENCY RESPONSE
-70
-80
-90
-30
-40
-50
-60
100
60
80
-100
-40
-60
-80
40
20
0
-20
MAX4545 TOC13
FREQUENCY (MHz)
100
ON LOSS
ON PHASE
OFF ISOLATION
CROSSTALK
100
0.0001
10
1k
100k
10k
100
MAX4547
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
0.001
FREQUENCY (Hz)
0.01
0.1
1
10
V+ = +5V
V- = -5V
5Vp-p SIGNAL
600
Ω SOURCE AND LOAD
____________________________Typical Operating Characteristics (continued)
(V+ = +5V, V- = -5V, TA = +25°C, GND = 0V, packages are surface mount, unless otherwise noted.)


Similar Part No. - MAX4546ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX454 MAXIM-MAX454 Datasheet
301Kb / 8P
   CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX4540 MAXIM-MAX4540 Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4540CAP MAXIM-MAX4540CAP Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4540CPP MAXIM-MAX4540CPP Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4540CWP MAXIM-MAX4540CWP Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
More results

Similar Description - MAX4546ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4565 MAXIM-MAX4565_V01 Datasheet
1Mb / 17P
   Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
2021
MAX4565 MAXIM-MAX4565 Datasheet
166Kb / 16P
   Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
Rev 0; 7/97
IH5341 MAXIM-IH5341 Datasheet
337Kb / 4P
   Dual/Quad RF/Video Switches
19-0946; Rev 1a; 12/94
MAX4529 MAXIM-MAX4529 Datasheet
123Kb / 12P
   Low-Voltage, Bidirectional RF/Video Switch
Rev 0; 3/98
MAX14611 MAXIM-MAX14611_14 Datasheet
574Kb / 15P
   Quad Bidirectional Low-Voltage Quad Bidirectional Low-Voltage
Rev 0; 4/12
logo
Vishay Siliconix
DG9424 VISHAY-DG9424_08 Datasheet
667Kb / 10P
   Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Rev. D, 01-Sep-03
DG9424 VISHAY-DG9424_09 Datasheet
169Kb / 12P
   Low-Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
Rev. E, 31-Aug-09
DG9424 VISHAY-DG9424 Datasheet
94Kb / 9P
   Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Rev. C, 16-Jun-03
DG9426 VISHAY-DG9426_V01 Datasheet
231Kb / 13P
   Low Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
01-Jan-2022
DG2018DN-T1-E4 VISHAY-DG2018DN-T1-E4 Datasheet
141Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com