Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHLG770Z4 Datasheet(PDF) 5 Page - International Rectifier

Part # IRHLG770Z4
Description  Simple Drive Requirements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHLG770Z4 Datasheet(HTML) 5 Page - International Rectifier

  IRHLG770Z4 Datasheet HTML 1Page - International Rectifier IRHLG770Z4 Datasheet HTML 2Page - International Rectifier IRHLG770Z4 Datasheet HTML 3Page - International Rectifier IRHLG770Z4 Datasheet HTML 4Page - International Rectifier IRHLG770Z4 Datasheet HTML 5Page - International Rectifier IRHLG770Z4 Datasheet HTML 6Page - International Rectifier IRHLG770Z4 Datasheet HTML 7Page - International Rectifier IRHLG770Z4 Datasheet HTML 8Page - International Rectifier IRHLG770Z4 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.irf.com
5
Pre-Irradiation
IRHLG770Z4, 2N7618M1
PRELIMINARY
Fig 8. Typical Threshold Voltage Vs
Temperature
Fig 7. Typical Drain-to-Source
Breakdown Voltage Vs Temperature
-60 -40 -20
0
20 40 60 80 100 120 140 160
TJ , Temperature ( °C )
50
60
70
80
ID = 1.0mA
-60 -40 -20
0
20 40 60 80 100 120 140 160
TJ , Temperature ( °C )
0.0
0.5
1.0
1.5
2.0
2.5
ID = 50µA
ID = 250µA
ID = 1.0mA
ID = 150mA
Fig 5. Typical On-Resistance Vs
Gate Voltage
Fig 6. Typical On-Resistance Vs
DrainCurrent
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
ID, Drain Current (A)
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
TJ = 25°C
TJ = 150°C
Vgs = 4.5V
2
3
4
5
6
7
8
9
10 11 12
VGS, Gate -to -Source Voltage (V)
0
0.5
1.0
1.5
2.0
2.5
ID = 1.07A
TJ = 25°C
TJ = 150°C


Similar Part No. - IRHLG770Z4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLG770Z4 IRF-IRHLG770Z4 Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
More results

Similar Description - IRHLG770Z4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com