Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHI7460SE Datasheet(PDF) 3 Page - International Rectifier

Part # IRHI7460SE
Description  Simple Drive Requirements
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHI7460SE Datasheet(HTML) 3 Page - International Rectifier

  IRHI7460SE Datasheet HTML 1Page - International Rectifier IRHI7460SE Datasheet HTML 2Page - International Rectifier IRHI7460SE Datasheet HTML 3Page - International Rectifier IRHI7460SE Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Table 2. High Dose Rate “
1011 Rads (Si)/sec 1012 Rads (Si)/sec
Parameter
Min. Typ Max. Min. Typ. Max.
Units
Test Conditions
VDSS
Drain-to-Source Voltage
400
400
V
Applied drain-to-source voltage
during gamma-dot
IPP
7
7
A
Peak radiation induced photo-current
di/dt
16
2.3
A/µsec Rate of rise of photo-current
L1
27
133
µH
Circuit inductance required to limit di/dt
Table 3. Single Event Effects ”
LET (Si)
Fluence
Range
VDS Bias
VGS Bias
Parameter
Typ.
Units
Ion
(MeV/mg/cm2)
(ions/cm2)(
µm)
(V)
(V)
BVDSS
500
V
Ni
28
1 x 105
~35
400
-5
Radiation Performance of Rad Hard HEXFETs
IRHI7460SE Device
Radiation Characteristics
Table 1. Low Dose Rate ‘ ’
IRHI7460SE
Parameter
100K Rads (Si)
Units
Test Conditions •
min.
max.
BVDSS
Drain-to-Source Breakdown Voltage
500
VGS = 0V, ID = 1.0 mA
VGS(th)
Gate Threshold Voltage 
2.5
4.5
VGS = VDS, ID = 1.0 mA
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
IDSS
Zero Gate Voltage Drain Current
50
µAVDS = 0.8 x Max Rating, VGS = 0V
RDS(on)1
Static Drain-to-Source 
0.32
VGS = 12V, ID = 12A
On-State Resistance One
VSD
Diode Forward Voltage 
1.8
V
TC = 25°C, IS = 20A, VGS = 0V
International Rectifier Radiation Hardened HEX-
FETs are tested to verify their hardness capability.
The hardness assurance program at International
Rectifier uses two radiation environments.
Every manufacturing lot is tested in a low dose rate
(total dose) environment per MlL-STD-750, test
method 1019. International Rectifier has imposed a
standard gate voltage of 12 volts per note 6 and a
VDSS bias condition equal to 80% of the device
rated voltage per note 7. Pre- and post-radiation
limits of the devices irradiated to 1 x 105 Rads (Si)
are identical and are presented in Table 1. The val-
ues in Table 1 will be met for either of the two low
dose rate test circuits that are used.
Both pre- and post-radiation performance are
tested and specified using the same drive circuitry
and test conditions in order to provide a direct com-
parison. It should be noted that at a radiation level
of 1 x 105 Rads (Si), no change in limits are speci-
fied in DC parameters.
High dose rate testing may be done on a special
request basis, using a dose rate up to 1 x 1012 Rads
(Si)/Sec.
International Rectifier radiation hardened HEXFETs
have been characterized in neutron and heavy ion
Single Event Effects (SEE) environments. Single
Event Effects characterization is shown in Table 3.
V
nA


Similar Part No. - IRHI7460SE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHI7460SE IRF-IRHI7460SE Datasheet
131Kb / 4P
   TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.32ohm, Id=20A)
More results

Similar Description - IRHI7460SE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com