Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4570EWI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4570EWI
Description  Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4570EWI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4570EWI Datasheet HTML 2Page - Maxim Integrated Products MAX4570EWI Datasheet HTML 3Page - Maxim Integrated Products MAX4570EWI Datasheet HTML 4Page - Maxim Integrated Products MAX4570EWI Datasheet HTML 5Page - Maxim Integrated Products MAX4570EWI Datasheet HTML 6Page - Maxim Integrated Products MAX4570EWI Datasheet HTML 7Page - Maxim Integrated Products MAX4570EWI Datasheet HTML 8Page - Maxim Integrated Products MAX4570EWI Datasheet HTML 9Page - Maxim Integrated Products MAX4570EWI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Serially Controlled, Dual 4x2, Clickless
Audio/Video Analog Crosspoint Switches
6
_______________________________________________________________________________________
INTERFACE I/O CHARACTERISTICS (continued)
(V+ = +2.7V to +5.5V, V- = 0 to -5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ns
200
tCL
SCLK Pulse Width High
ns
200
tCH
SCLK Pulse Width Low
µs
2.0
tR
Rise Time (SCLK, DIN, CS)
µs
2.0
tF
Fall Time (SCLK, DIN, CS)
Note 2: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3: Guaranteed by design. Not subject to production testing.
Note 4:
∆RON = RON(MAX) - RON(MIN).
Note 5: On-resistance flatness is defined as the difference between the maximum and minimum on-resistance values, as measured
over the specified analog signal range.
Note 6: Leakage parameters are 100% tested at maximum rated temperature, and guaranteed by correlation at TA = +25°C.
Note 7: Off-isolation = 20
· log (VCOM_ __ / VNO_ _ ), VCOM_ _ = output, VNO_ _ = input to off switch.
Note 8: All timing is measured from the clock’s falling edge preceding the ACK signal for 2-wire, and from CS’s rising edge for
3-wire. Turn-Off Time is defined as the output of the switch for 0.5V change, tested with a 300
Ω load to ground. Turn-On
Time is measured with a 5k
Ω load resistor to GND. All timing is shown with respect to 20% of V+ and 70% of V+, unless
otherwise noted.
Note 9: Typical values are for MAX4570 only.
Note 10: Supply current can be as high as 2mA per switch during switch transitions in the clickless mode, corresponding to 40mA
total supply transient current requirement.
Note 11: Leakage testing for single-supply operation is guaranteed by testing with dual supplies.
Note 12: Cb = capacitance of one bus line in pF. Tested with Cb = 400pF.
40
44
42
48
46
52
50
54
58
56
60
-5
-3
-2
-1
-4
0
1
2
4
3
5
ON-RESISTANCE vs. VCOM
(DUAL SUPPLIES)
VCOM (V)
V± = ±2.7V
V± = ±3.3V
V± = ±4.75V
30
35
40
45
50
55
60
-5
-3
-2
-1
-4
0
1
2
4
3
5
ON-RESISTANCE vs. VCOM
AND TEMPERATURE (DUAL SUPPLIES)
VCOM (V)
V± = ±5V
TA = +85°C
TA = +70°C
TA = +25°C
TA = -40°C
50
60
70
80
90
100
110
120
130
0
1
2
3
4
5
ON-RESISTANCE vs. VCOM
(SINGLE SUPPLY)
VCOM (V)
V+ = +2.7V
V+ = +3.3V
V+ = +5V
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4570EWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX457 MAXIM-MAX457 Datasheet
160Kb / 4P
   Dual CMOS Video Amplifier
Rev 0; 2/89
MAX4571 MAXIM-MAX4571 Datasheet
315Kb / 16P
   Serially Controlled, Clickless Audio/Video Switches
Rev 1; 4/99
MAX4571-MAX4574 MAXIM-MAX4571-MAX4574 Datasheet
315Kb / 16P
   Serially Controlled, Clickless Audio/Video Switches
Rev 1; 4/99
MAX4571CAI MAXIM-MAX4571CAI Datasheet
315Kb / 16P
   Serially Controlled, Clickless Audio/Video Switches
Rev 1; 4/99
MAX4571CEI MAXIM-MAX4571CEI Datasheet
315Kb / 16P
   Serially Controlled, Clickless Audio/Video Switches
Rev 1; 4/99
More results

Similar Description - MAX4570EWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4571 MAXIM-MAX4571 Datasheet
315Kb / 16P
   Serially Controlled, Clickless Audio/Video Switches
Rev 1; 4/99
MAX4562 MAXIM-MAX4562 Datasheet
219Kb / 16P
   Serially Controlled, Clickless Audio/Video Switches
Rev 0; 4/99
MAX4548 MAXIM-MAX4548 Datasheet
273Kb / 20P
   Serially Controlled, Triple 3x2 Audio/Video Crosspoint Switches
Rev 0; 6/99
MAX4584 MAXIM-MAX4584 Datasheet
135Kb / 12P
   Serially Controlled Audio/Video Switches
Rev 0; 8/99
logo
Analog Devices
AD8106 AD-AD8106_15 Datasheet
580Kb / 28P
   Video Crosspoint Switches
REV. 0
AD8107 AD-AD8107_15 Datasheet
580Kb / 28P
   Video Crosspoint Switches
REV. 0
AD8106 AD-AD8106_16 Datasheet
416Kb / 22P
   Video Crosspoint Switches
ADG739 AD-ADG739_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
logo
Pericom Semiconductor C...
PI3A212S PERICOM-PI3A212S Datasheet
632Kb / 8P
   Small Plastic Package, Dual SPDT Audio Clickless Analog Switch (with Shunt Switches)
logo
Analog Devices
ADG738 AD-ADG738_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com