Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4563CEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4563CEE
Description  Serially Controlled, Clickless Audio/Video Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4563CEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4563CEE Datasheet HTML 1Page - Maxim Integrated Products MAX4563CEE Datasheet HTML 2Page - Maxim Integrated Products MAX4563CEE Datasheet HTML 3Page - Maxim Integrated Products MAX4563CEE Datasheet HTML 4Page - Maxim Integrated Products MAX4563CEE Datasheet HTML 5Page - Maxim Integrated Products MAX4563CEE Datasheet HTML 6Page - Maxim Integrated Products MAX4563CEE Datasheet HTML 7Page - Maxim Integrated Products MAX4563CEE Datasheet HTML 8Page - Maxim Integrated Products MAX4563CEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Serially Controlled, Clickless
Audio/Video Switches
_______________________________________________________________________________________
5
pF
5
f = 1MHz
CIN
Input Capacitance
V
0.2
VHYST
Input Hysteresis
UNITS
MIN
TYP
MAX
CONDITIONS
SYMBOL
PARAMETER
µA
-1
0.001
1
Digital inputs = 0 or V+
ILEAK
Input Leakage Current
V+ = 3V
V+ = 3V
0.6
2
V
3
V+ = 5V
VIH
Input High Voltage
V
0.8
V+ = 5V
VIL
Input Low Voltage
V
V+ - 0.5
ISOURCE = 0.5mA
VOH
DOUT Output High Voltage
I/O INTERFACE CHARACTERISTICS
(V+ = +2.7V to +5.25V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
2-WIRE TIMING CHARACTERISTICS
(Figure 3, V+ = +2.7V to +5.25V, fSCL = 100kHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
V
0.4
ISINK = 6mA
VOL
Output Low Voltage
DIGITAL INPUTS (SCLK, DIN, CS, SCL, SDA, A0, A1)
DIGITAL OUTPUTS (DOUT, SDA)
UNITS
MIN
TYP
MAX
CONDITIONS
SYMBOL
PARAMETER
ns
050
Pulse Width of Suppressed Spike
ns
20 +
300
0.1Cb
tR
SCL/SDA Rise Time
µs
4.0
tHIGH
Clock High Period
µs
4.7
tLOW
Clock Low Period
ns
250
tSU:DAT
Data Setup Time
µs
0
tHD:DAT
Data Hold Time
µs
4.0
tSU:STO
Stop Condition Setup Time
µs
4.7
tBUF
Bus Free Time between Stop
and Start Conditions
0
100
V+ = 2.7V to 5.25V
fSCL
SCL Clock Frequency
ns
20 +
300
0.1Cb
tF
SCL/SDA Fall Time
µs
4.0
The first clock is generated after this period
tHD:STA
Hold Time After Start Condition
kHz
400
V+ = 4.75V to 5.25V


Similar Part No. - MAX4563CEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
MAX4560 MAXIM-MAX4560 Datasheet
305Kb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
MAX4560CEE MAXIM-MAX4560CEE Datasheet
305Kb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
MAX4560CPE MAXIM-MAX4560CPE Datasheet
305Kb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
MAX4560CSE MAXIM-MAX4560CSE Datasheet
305Kb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
More results

Similar Description - MAX4563CEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4571 MAXIM-MAX4571 Datasheet
315Kb / 16P
   Serially Controlled, Clickless Audio/Video Switches
Rev 1; 4/99
MAX4550 MAXIM-MAX4550 Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4584 MAXIM-MAX4584 Datasheet
135Kb / 12P
   Serially Controlled Audio/Video Switches
Rev 0; 8/99
MAX4548 MAXIM-MAX4548 Datasheet
273Kb / 20P
   Serially Controlled, Triple 3x2 Audio/Video Crosspoint Switches
Rev 0; 6/99
logo
Analog Devices
ADG739 AD-ADG739_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
ADG738 AD-ADG738_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
ADG715 AD-ADG715_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
logo
Maxim Integrated Produc...
MAX4910 MAXIM-MAX4910 Datasheet
676Kb / 13P
   Quad-SPDT, Clickless Audio Switches with Negative Signal Handling
Rev 0; 2/06
logo
Analog Devices
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com