Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4570EAI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4570EAI
Description  Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4570EAI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4570EAI Datasheet HTML 1Page - Maxim Integrated Products MAX4570EAI Datasheet HTML 2Page - Maxim Integrated Products MAX4570EAI Datasheet HTML 3Page - Maxim Integrated Products MAX4570EAI Datasheet HTML 4Page - Maxim Integrated Products MAX4570EAI Datasheet HTML 5Page - Maxim Integrated Products MAX4570EAI Datasheet HTML 6Page - Maxim Integrated Products MAX4570EAI Datasheet HTML 7Page - Maxim Integrated Products MAX4570EAI Datasheet HTML 8Page - Maxim Integrated Products MAX4570EAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Serially Controlled, Dual 4x2, Clickless
Audio/Video Analog Crosspoint Switches
4
_______________________________________________________________________________________
ANALOG ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ = +5V ±5%, V- = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
VNO_ _ or VS_ = floating;
VCOM_ _ = 1V, 4.5V;
V+ = 5.25V
nA
Shunt switch on
-5
0.01
5
ICOM_ _(ON)
COM_ _ On-Leakage Current
(Notes 6, 11)
CONDITIONS
Shunt switch off
-105
TA = +25°C
TA = TMIN to TMAX
-20
20
VNO_ _ or VS_ = 1VRMS, fIN =
20kHz, RL = 10kΩ, S = GND
VNO_ _ or VS_ = 1VRMS, fIN = 20kHz,
RL = 10kΩ, three channels driven at 20kHz
dB
-80
VISO(A)
Off-Isolation (Note 7)
dB
-97
VTC(A)
VNO_ _ or VS_ = 4.5V, 1V;
VCOM_ _ = 1V, 4.5V;
V+ = 5.25V
nA
-5
0.01
5
ICOM__(OFF)
COM_ _ Off-Leakage Current
(Notes 6, 11)
TA = +25°C
TA = TMIN to TMAX
-10
10
Channel-to-Channel Crosstalk
fIN = 1kHz, RL = 10kΩ, VNO_ _ or VS_ = 1VRMS,
VNO_ _ or VS_ = 2.5V
%
0.014
THD+N
Total Harmonic Distortion plus
Noise
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
-74
VNO_ _ or VS_ = 1VRMS, fIN =
4MHz, RL = 1kΩ, S = GND
dB
-61
VISO(V)
Off-Isolation (Note 7)
RSOURCE = 75Ω, RL = 1kΩ
MHz
13
BW
0.1dB Bandwidth
fIN = 1MHz
pF
11
COFF(NO)
Off-Capacitance
VNO_ _ or VS_ = 1.5V, RL = 5kΩ
ns
400
900
tONSD
Turn-On Time (Note 9)
VNO_ _ or VS_ = 1.5V, RL = 300Ω
ns
160
500
tOFFSD
Turn-Off Time (Note 9)
VNO_ _ or VS_ = 1.5V
ns
10
100
tBBM
Break-Before-Make Time
VNO_ _ or VS_ = 1.5V, RL = 5kΩ
ms
43
tONSE
Turn-On Time
VNO_ _ or VS_ = 1.5V, RL = 300Ω
ms
14
tOFFSE
Turn-Off Time
BIASH to BIASL
k
13
20
27
RBIAS
Bias Network Resistance
VNO_ _ or VS_ = 1VRMS, fIN = 4MHz,
RL = 10kΩ, three channels driven at 4MHz
dB
-52
VTC(V)
Channel-to-Channel Crosstalk
ANALOG ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = +3V ±10%, V- = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
ICOM_ _ = 4mA,
VNO_ _ or VS_ = 1V,
V+ = 2.7V
CONDITIONS
106
180
RON
On-Resistance
V
0
V+
VNO_ _,
VCOM_ _,
VS_
Analog Signal Range (Note 3)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TA = +25°C
TA = TMIN to TMAX
220
ANALOG SWITCHES
Shunt switch on
Shunt switch off
AUDIO PERFORMANCE
VIDEO PERFORMANCE
DYNAMIC TIMING WITH CLICKLESS MODE DISABLED (Note 8)
DYNAMIC TIMING WITH CLICKLESS MODE ENABLED (Note 8, Figure 5)
BIAS NETWORKS


Similar Part No. - MAX4570EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX457 MAXIM-MAX457 Datasheet
160Kb / 4P
   Dual CMOS Video Amplifier
Rev 0; 2/89
MAX4571 MAXIM-MAX4571 Datasheet
315Kb / 16P
   Serially Controlled, Clickless Audio/Video Switches
Rev 1; 4/99
MAX4571-MAX4574 MAXIM-MAX4571-MAX4574 Datasheet
315Kb / 16P
   Serially Controlled, Clickless Audio/Video Switches
Rev 1; 4/99
MAX4571CAI MAXIM-MAX4571CAI Datasheet
315Kb / 16P
   Serially Controlled, Clickless Audio/Video Switches
Rev 1; 4/99
MAX4571CEI MAXIM-MAX4571CEI Datasheet
315Kb / 16P
   Serially Controlled, Clickless Audio/Video Switches
Rev 1; 4/99
More results

Similar Description - MAX4570EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4571 MAXIM-MAX4571 Datasheet
315Kb / 16P
   Serially Controlled, Clickless Audio/Video Switches
Rev 1; 4/99
MAX4562 MAXIM-MAX4562 Datasheet
219Kb / 16P
   Serially Controlled, Clickless Audio/Video Switches
Rev 0; 4/99
MAX4548 MAXIM-MAX4548 Datasheet
273Kb / 20P
   Serially Controlled, Triple 3x2 Audio/Video Crosspoint Switches
Rev 0; 6/99
MAX4584 MAXIM-MAX4584 Datasheet
135Kb / 12P
   Serially Controlled Audio/Video Switches
Rev 0; 8/99
logo
Analog Devices
AD8106 AD-AD8106_15 Datasheet
580Kb / 28P
   Video Crosspoint Switches
REV. 0
AD8107 AD-AD8107_15 Datasheet
580Kb / 28P
   Video Crosspoint Switches
REV. 0
AD8106 AD-AD8106_16 Datasheet
416Kb / 22P
   Video Crosspoint Switches
ADG739 AD-ADG739_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
logo
Pericom Semiconductor C...
PI3A212S PERICOM-PI3A212S Datasheet
632Kb / 8P
   Small Plastic Package, Dual SPDT Audio Clickless Analog Switch (with Shunt Switches)
logo
Analog Devices
ADG738 AD-ADG738_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com