Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4545EAP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4545EAP
Description  Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4545EAP Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4545EAP Datasheet HTML 1Page - Maxim Integrated Products MAX4545EAP Datasheet HTML 2Page - Maxim Integrated Products MAX4545EAP Datasheet HTML 3Page - Maxim Integrated Products MAX4545EAP Datasheet HTML 4Page - Maxim Integrated Products MAX4545EAP Datasheet HTML 5Page - Maxim Integrated Products MAX4545EAP Datasheet HTML 6Page - Maxim Integrated Products MAX4545EAP Datasheet HTML 7Page - Maxim Integrated Products MAX4545EAP Datasheet HTML 8Page - Maxim Integrated Products MAX4545EAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Quad/Dual, Low-Voltage,
Bidirectional RF/Video Switches
_______________________________________________________________________________________
3
VIN = 5Vp-p, f < 20kHz,
600
Ω in and out
Figure 7, RL = 50Ω
VNO_ = GND, f = 1MHz, Figure 8
CL = 1.0nF, VNO_ = 0V, RS = 0Ω,
Figure 6
VCOM_ = ±3V, V+ = 5V, V- = -5V,
Figure 5 (Note 3)
VCOM_ = ±3V, V+ = 5V, V- = -5V,
Figure 4
VCOM_ = ±3V, V+ = 5V, V- = -5V,
Figure 4
CONDITIONS
%
0.004
THD+N
Distortion
MHz
300
BW
-3dB Bandwidth
-80
11.5
COM_ Off Capacitance
pF
6
CN_(OFF)
NO_, NC_ Off Capacitance
pC
60
150
Q
Charge Injection
(Note 3)
ns
15
40
tBBM
Break-Before-Make Time Delay
(MAX4546/MAX4547 only)
ns
35
100
tOFF
Turn-Off Time
ns
90
150
tON
Turn-On Time
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
V- = -5.5V
V+ = 5.5V, all VIN_ = 0V or V+
µA
-1
0.05
1
I-
V - Supply Current
µA
-1
0.05
1
I+
V+ Supply Current
V
-6
+6
V+, V-
Power-Supply Range
+25°C
+25°C
+25°C
+25°C
+25°C
+25°C
+25°C
TA
+25°C
+25°C
C, E
6
VCOM_ = 0V,
f = 1MHz,
Figure 8
pF
CCOM_(OFF)
+25°C
11.5
VCOM_ = VNO_ = 0V,
f = 1MHz, Figure 8
pF
17
CCOM_(ON)
COM_ On Capacitance
+25°C
-80
RL = 50Ω,
VCOM_ = 1VRMS,
f = 10MHz, Figure 7
dB
-82
VISO
Off Isolation (Note 7)
+25°C
MAX4545
MAX4545
MAX4546
MAX4547
MAX4545
MAX4546
MAX4547
C, E
-10
10
C, E
-10
10
C, E
120
C, E
200
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +4.5V to +5.5V, V- = -4.5V to -5.5V, VINL = 0.8V, VINH = 2.4V, VGND_ = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.)
MAX4546
6
-88
MAX4545
MAX4546
MAX4547
-80
RL = 50Ω, VCOM_ =
1VRMS, f = 10MHz,
Figure 7
dB
-84
VCT
Channel-to-Channel Crosstalk
(Note 8)
+25°C
SWITCH DYNAMIC CHARACTERISTICS
POWER SUPPLY


Similar Part No. - MAX4545EAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX454 MAXIM-MAX454 Datasheet
301Kb / 8P
   CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX4540 MAXIM-MAX4540 Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4540CAP MAXIM-MAX4540CAP Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4540CPP MAXIM-MAX4540CPP Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4540CWP MAXIM-MAX4540CWP Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
More results

Similar Description - MAX4545EAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4565 MAXIM-MAX4565_V01 Datasheet
1Mb / 17P
   Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
2021
MAX4565 MAXIM-MAX4565 Datasheet
166Kb / 16P
   Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
Rev 0; 7/97
IH5341 MAXIM-IH5341 Datasheet
337Kb / 4P
   Dual/Quad RF/Video Switches
19-0946; Rev 1a; 12/94
MAX4529 MAXIM-MAX4529 Datasheet
123Kb / 12P
   Low-Voltage, Bidirectional RF/Video Switch
Rev 0; 3/98
MAX14611 MAXIM-MAX14611_14 Datasheet
574Kb / 15P
   Quad Bidirectional Low-Voltage Quad Bidirectional Low-Voltage
Rev 0; 4/12
logo
Vishay Siliconix
DG9424 VISHAY-DG9424_08 Datasheet
667Kb / 10P
   Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Rev. D, 01-Sep-03
DG9424 VISHAY-DG9424_09 Datasheet
169Kb / 12P
   Low-Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
Rev. E, 31-Aug-09
DG9424 VISHAY-DG9424 Datasheet
94Kb / 9P
   Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Rev. C, 16-Jun-03
DG9426 VISHAY-DG9426_V01 Datasheet
231Kb / 13P
   Low Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
01-Jan-2022
DG2018DN-T1-E4 VISHAY-DG2018DN-T1-E4 Datasheet
141Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com