Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4549EAX Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4549EAX
Description  Serially Controlled, Triple 3x2 Audio/Video Crosspoint Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4549EAX Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4549EAX Datasheet HTML 1Page - Maxim Integrated Products MAX4549EAX Datasheet HTML 2Page - Maxim Integrated Products MAX4549EAX Datasheet HTML 3Page - Maxim Integrated Products MAX4549EAX Datasheet HTML 4Page - Maxim Integrated Products MAX4549EAX Datasheet HTML 5Page - Maxim Integrated Products MAX4549EAX Datasheet HTML 6Page - Maxim Integrated Products MAX4549EAX Datasheet HTML 7Page - Maxim Integrated Products MAX4549EAX Datasheet HTML 8Page - Maxim Integrated Products MAX4549EAX Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Serially Controlled, Triple 3x2 Audio/Video
Crosspoint Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = +3V ±10%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
ICOM_ _ = 4mA,
VNO_ _ or VS_= 1V,
V+ = 2.7V
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
8
TA = TMIN to TMAX
ICOM_ _ = 4mA,
VNO_ _ or VS_= 1V,
V+ = 2.7V
CONDITIONS
V
0V+
VNO_ _,
VCOM_ _,
VS_
ANALOG SWITCHES
Analog Signal Range (Note 3)
40
60
RON
On-Resistance
80
57
∆RON
COM_ _ to NO_ _ or S_
On-Resistance Match
Between Channels (Note 4)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Off-Isolation (Note 7)
VISO(V)
-72
dB
Channel-to-Channel Crosstalk
VCT(V)
-55
dB
VNO_ _ or VS_ = 0.5VRMS, RS = 50Ω,
fIN = 10MHz, RL = 50Ω,
-3dB Bandwidth
BW
250
MHz
RS = 50Ω, RL = 50Ω
Turn-On Time
tONSE
12
ms
VNO_ _ or VS_ = 2.5V, RL = 5kΩ, CL = 35pF,
TA = +25°C
Turn-Off Time
tOFFSE
3
ms
VNO_ _ or VS_ = 2.5V, RL = 300Ω, CL = 35pF,
TA = +25°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Turn-Off Time
tOFFSD
100
200
ns
500
Turn-On Time
tONSD
200
400
ns
Break-Before-Make Time
tBBM
10
50
ns
Off-Capacitance
COFF(NO)
10
pF
CONDITIONS
VNO_ _ or VS_ = 2.5V,
RL = 300Ω,
CL = 35pF
TA = TMIN to TMAX
VNO_ _ or VS_ = 2.5V
f = 1MHz
250
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
VNO_ _ or VS_ = 2.5V,
RL = 5kΩ, CL = 35pF
Bias Network Resistance
RBIAS
110
k
Supply Voltage Range
V+
2.7
5.5
V
Supply Current (Note 9)
I+
All logic inputs = GND or V+
610
µA
Shunt switch on
Shunt switch off
VNO_ _ or VS_ = 1VRMS,
fIN = 10MHz, RL = 50Ω,
RS =50Ω, S_ = GND
-62
TA = +25°C
8
TA = TMIN to TMAX
ICOM_ _ = 4mA;
V+ = 2.7V;
VNO_ _ = 1V, 1.5V, 2V
36
RFLAT
COM_ _ to NO_ _ or S_
On-Resistance Flatness
(Note 5)
ANALOG SWITCHES
VIDEO PERFORMANCE
DYNAMIC TIMING WITH CLICKLESS MODE DISABLED (Note 8, Figure 1)
DYNAMIC TIMING WITH CLICKLESS MODE ENABLED (Note 8, Figure 1)
BIAS NETWORKS
POWER SUPPLIES


Similar Part No. - MAX4549EAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX454 MAXIM-MAX454 Datasheet
301Kb / 8P
   CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX4540 MAXIM-MAX4540 Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4540CAP MAXIM-MAX4540CAP Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4540CPP MAXIM-MAX4540CPP Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4540CWP MAXIM-MAX4540CWP Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
More results

Similar Description - MAX4549EAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4584 MAXIM-MAX4584 Datasheet
135Kb / 12P
   Serially Controlled Audio/Video Switches
Rev 0; 8/99
MAX4550 MAXIM-MAX4550 Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4571 MAXIM-MAX4571 Datasheet
315Kb / 16P
   Serially Controlled, Clickless Audio/Video Switches
Rev 1; 4/99
MAX4562 MAXIM-MAX4562 Datasheet
219Kb / 16P
   Serially Controlled, Clickless Audio/Video Switches
Rev 0; 4/99
logo
Analog Devices
AD8106 AD-AD8106_15 Datasheet
580Kb / 28P
   Video Crosspoint Switches
REV. 0
AD8107 AD-AD8107_15 Datasheet
580Kb / 28P
   Video Crosspoint Switches
REV. 0
AD8106 AD-AD8106_16 Datasheet
416Kb / 22P
   Video Crosspoint Switches
ADG739 AD-ADG739_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
ADG738 AD-ADG738_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com