Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4512 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4512
Description  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4512 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4512 Datasheet HTML 1Page - Maxim Integrated Products MAX4512 Datasheet HTML 2Page - Maxim Integrated Products MAX4512 Datasheet HTML 3Page - Maxim Integrated Products MAX4512 Datasheet HTML 4Page - Maxim Integrated Products MAX4512 Datasheet HTML 5Page - Maxim Integrated Products MAX4512 Datasheet HTML 6Page - Maxim Integrated Products MAX4512 Datasheet HTML 7Page - Maxim Integrated Products MAX4512 Datasheet HTML 8Page - Maxim Integrated Products MAX4512 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +15V, V- = -15V, GND = 0V, TA =TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: COM_ and IN_ pins are not fault protected. Signals on COM_ or IN_ exceeding V+ or V- are clamped by internal diodes.
Limit forward diode current to maximum current rating.
Note 2: NC_ and NO_ pins are fault protected. Signals on NC_ or NO_ exceeding -36V to +36V may damage the device. These
limits apply with power applied to V+ or V-, or ±40V with V+ = V- = 0.
(Voltages Referenced to GND)
V+ ........................................................................-0.3V to +44.0V
V- .........................................................................-44.0V to +0.3V
V+ to V-................................................................-0.3V to +44.0V
COM_, IN_ (Note 1) ..............................(V- - 0.3V) to (V+ + 0.3V)
NC_, NO_ (Note 2)..................................(V+ - 36V) to (V- + 36V)
NC_, NO_ to COM_ .................................................-36V to +36V
Continuous Current into Any Terminal..............................±30mA
Peak Current into Any Terminal
(pulsed at 1ms, 10% duty cycle)...................................±50mA
Continuous Power Dissipation (TA = +70°C) (Note 2)
Plastic DIP (derate 10.53mW/°C above +70°C) ...........842mW
Narrow SO (derate 8.70mW/°C above +70°C) .............696mW
CERDIP (derate 10.00mW/°C above +70°C) ................800mW
Operating Temperature Ranges
MAX451_C_ E ......................................................0°C to +70°C
MAX451_E_ E ...................................................-40°C to +85°C
MAX451_MJE .................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Applies with power on or off
(Note 2)
VCOM_ = ±14V;
VNO_, VCOM = 14V
VCOM_ = ±10V, ICOM_ = 1mA
VCOM_ = ±10V, ICOM_ = 1mA
CONDITIONS
C, E, M
-20
20
nA
ICOM_(OFF)
-0.5
0.01
0.5
V
-36
36
VNO_, VNC_
Fault-Protected Analog
Signal Range
∆RON
COM_ -NO_ or COM_ -NC_
On-Resistance Match Between
Channels (Note 4)
250
RON
COM_ -NO_ or COM_ -NC_
On-Resistance
125
160
UNITS
MIN
TYP
MAX
(Note 3)
SYMBOL
PARAMETER
C, E
+25°C
+25°C
+25°C
TA
Applies with power on or off
(Note 2)
C, E, M
V
V-
V+
VNO_, VNC_
Fault-Free Analog Signal Range
M
36
15
M
Applies with power on or off
(Note 1)
C, E, M
V
V- - 0.3
V+ + 0.3
VCOM_
Non-Protected Analog
Signal Range (COM_ Output)
ANALOG SWITCH
200
C, E
C, E
10
COM_ Off Leakage Current
(Note 5)
VCOM_ = ±14V;
VNO_, VCOM = 14V
NO_ or NC_ Off Leakage Current
(Note 5)
nA
INO_(OFF),
INC_(OFF)
-0.5
0.01
0.5
+25°C
-10
10
C, E
-200
200
M
-10
10
C, E
-200
200
M
VCOM_ = ±14V
nA
ICOM_(ON)
COM_ On Leakage Current
(Note 5)
-0.5
0.01
0.5
+25°C
-400
400
M


Similar Part No. - MAX4512

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4510EUA MAXIM-MAX4510EUA Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4510EUT-T MAXIM-MAX4510EUT-T Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4511C/D MAXIM-MAX4511C/D Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX4511CPE MAXIM-MAX4511CPE Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
More results

Similar Description - MAX4512

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4533 MAXIM-MAX4533 Datasheet
172Kb / 12P
   Quad, Rail-to-Rail, Fault-Protected, SPDT Analog Switch
Rev 0; 4/99
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com