Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV931-N-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMV931-N-Q1
Description  LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV931-N-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  LMV931-N-Q1 Datasheet HTML 1Page - Texas Instruments LMV931-N-Q1 Datasheet HTML 2Page - Texas Instruments LMV931-N-Q1 Datasheet HTML 3Page - Texas Instruments LMV931-N-Q1 Datasheet HTML 4Page - Texas Instruments LMV931-N-Q1 Datasheet HTML 5Page - Texas Instruments LMV931-N-Q1 Datasheet HTML 6Page - Texas Instruments LMV931-N-Q1 Datasheet HTML 7Page - Texas Instruments LMV931-N-Q1 Datasheet HTML 8Page - Texas Instruments LMV931-N-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMV931-N, LMV931-N-Q1
LMV932-N, LMV932-N-Q1, LMV934-N, LMV934-N-Q1
SNOS993O – NOVEMBER 2001 – REVISED DECEMBER 2014
LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV93x-N devices exhibit an excellent speed-power
1 Features
ratio, achieving 1.4-MHz gain bandwidth product at
1
Typical 1.8-V Supply Values; Unless Otherwise
1.8-V supply voltage with very low supply current.
Noted
The LMV93x-N devices can drive a 600-
Ω load and
Available in Automotive AEC-Q100 Grade 1
up to 1000-pF capacitive load with minimal ringing.
These devices also have a high DC gain of 101 dB,
Specified at 1.8-V, 2.7-V and 5-V
making them suitable for low-frequency applications.
Output Swing
The single LMV93x-N is offered in space-saving 5-pin
With 600-
Ω Load 80 mV from Rail
SC70 and SOT-23 packages. The dual LMV932-N
With 2-k
Ω Load 30 mV from Rail
are in 8-pin VSSOP and SOIC packages and the
VCM 200 mV Beyond Rails
quad LMV934-N are in 14-pin TSSOP and SOIC
packages. These small packages are ideal solutions
Supply Current (per Channel) 100
μA
for
area
constrained
PC
boards
and
portable
Gain Bandwidth Product 1.4 MHz
electronics such as mobile phones and tablets.
Maximum VOS 4.0 mV
The LMV93x-N-Q1 family retains all the LMV93x-N
Ultra Tiny Packages
family features while adding AEC-Q100 Grade 1
Temperature Range
−40°C to 125°C
qualification for automotive applications.
2 Applications
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Mobile Phones
LMV931-N
SOT-23 (5)
2.90 mm × 1.60 mm
Tablets
LMV931-N-Q1
SC-70 (5)
2.00 mm × 1.25 mm
Wearables
LMV932-N
VSSOP (8)
3.00 mm × 3.00 mm
Health Monitoring
LMV932-N-Q1
SOIC (8)
4.90 mm × 3.91 mm
Portable and Battery-Powered Electronic
LMV934-N
TSSOP (8)
5.00 mm × 4.40 mm
Equipment
LMV934-N-Q1
SOIC (14)
8.60 mm × 3.90 mm
Battery Monitoring
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
3 Description
The LMV93x-N family (LMV931-N single, LMV932-N
High-Side Current Sense Amplifier
dual and LMV934-N quad) are low-voltage, low-
power operational amplifiers. The LMV93x-N family
operates from 1.8-V to 5.5-V supply voltages and
have rail-to-rail input and output. The input common-
mode voltage extends 200 mV beyond the supplies
which enables user enhanced functionality beyond
the supply voltage range. The output can swing rail-
to-rail unloaded and within 105 mV from the rail with
600-
Ω load at 1.8-V supply. The LMV93x-N devices
are optimized to work at 1.8 V, which make them
ideal for portable two-cell, battery-powered systems
and single-cell Li-Ion systems.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMV931-N-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV931-N-Q1 TI1-LMV931-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
More results

Similar Description - LMV931-N-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV932-N-Q1 TI-LMV932-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV934-N-Q1 TI-LMV934-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV932MM_NOPB TI1-LMV932MM_NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931-N TI-LMV931-N Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com