Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4539CWP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4539CWP
Description  Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4539CWP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4539CWP Datasheet HTML 1Page - Maxim Integrated Products MAX4539CWP Datasheet HTML 2Page - Maxim Integrated Products MAX4539CWP Datasheet HTML 3Page - Maxim Integrated Products MAX4539CWP Datasheet HTML 4Page - Maxim Integrated Products MAX4539CWP Datasheet HTML 5Page - Maxim Integrated Products MAX4539CWP Datasheet HTML 6Page - Maxim Integrated Products MAX4539CWP Datasheet HTML 7Page - Maxim Integrated Products MAX4539CWP Datasheet HTML 8Page - Maxim Integrated Products MAX4539CWP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Low-Voltage, Single 8-to-1 and
Dual 4-to-1 Cal-Multiplexers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +5V ±10%, V- = -5V ±10%, VIH = 2.4V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values at TA = +25°C.)
(Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Signals on NO_, COM_, EN, LATCH, CAL, A_ exceeding V+ or V- are clamped by internal diodes. Limit forward current to
maximum current ratings.
V+ to GND ..............................................................-0.3V to +13V
V- to GND ...............................................................-13V to +0.3V
V+ to V-...................................................................-0.3V to +13V
CAL, LATCH, A_, EN, NO_, COM_,
REFHI, REFLO (Note 1) ........................(V- - 0.3V) to (V+ + 0.3V)
Continuous Current (any terminal)....................................±20mA
Peak Current, NO_ or COM_
(pulsed at 1ms, 10% duty cycle max) ...........................±40mA
Continuous Power Dissipation (TA = +70°C)
SSOP (derate 8mW/°C above +70°C) ..........................640mW
Wide SO (derate 8mW/°C above +70°C)......................800mW
Plastic DIP (derate 10.53mW/°C above +70°C) ...........842mW
Operating Temperature Ranges
MAX4539C_P/MAX4540C_P................................0°C to +70°C
MAX4539E_P/MAX4540E_P .............................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) ............................+300° C
(Note 3)
ICOM_ = 1mA; VNO_ = -3V, 0, +3V;
V+ = 4.5V; V- = -4.5V
ICOM_ = 1mA, VNO_ = ±3.0V,
V+ = 4.5V, V- = -4.5V
ICOM_ = 1mA, VNO_ = ±3.0V,
V+ = 4.5V, V- = -4.5V
CONDITIONS
45
75
V
V-
V+
VCOM_,
VNO_
Analog-Signal Range
13
RFLAT
100
RON
On-Resistance
14
6
∆RON
710
On-Resistance Flatness
(Note 5)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
On-Resistance Matching
Between Channels
(Note 4)
VCOM_ = ±4.5V, VNO_ = 4.5V,
V+ = 5.5V, V- = -5.5V
nA
-2
2
INO(OFF)
-0.1
0.01
0.1
NO-Off Leakage Current
(Note 6)
-10
10
VCOM_ = ±4.5V,
VNO_ = 4.5V,
V+ = 5.5V,
V- = -5.5V
-0.2
0.01
0.2
nA
-5
5
ICOM_(OFF)
-0.1
0.01
0.1
COM-Off Leakage
Current (Note 6)
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
MAX4539
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
MAX4540
-10
10
-0.2
0.01
0.2
nA
-5
5
ICOM_(ON)
-0.1
0.01
0.1
COM-On Leakage
Current (Note 6)
TA = +25°C
TA = TMIN to TMAX
MAX4539
TA = +25°C
TA = TMIN to TMAX
MAX4540
VCOM_ = ±4.5V,
VNO_ = ±4.5V,
V+ = 5.5V,
V- = -5.5V
SWITCH


Similar Part No. - MAX4539CWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX453 MAXIM-MAX453 Datasheet
301Kb / 8P
   CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX4530 MAXIM-MAX4530 Datasheet
148Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
Rev 0; 12/96
MAX4530-MAX4532 MAXIM-MAX4530-MAX4532 Datasheet
148Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
Rev 0; 12/96
MAX4530C/D MAXIM-MAX4530C/D Datasheet
148Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
Rev 0; 12/96
MAX4530CAP MAXIM-MAX4530CAP Datasheet
148Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
Rev 0; 12/96
More results

Similar Description - MAX4539CWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4578 MAXIM-MAX4578 Datasheet
177Kb / 20P
   High-Voltage, Single 8-to-1/ Dual 4-to-1 Cal-Multiplexers
Rev 0; 10/98
MAX4508 MAXIM-MAX4508 Datasheet
288Kb / 16P
   Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Rev 0; 1/99
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4708 MAXIM-MAX4708 Datasheet
408Kb / 14P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
MAX4638 MAXIM-MAX4638 Datasheet
315Kb / 15P
   3.5?? Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers
Rev 1; 3/02
MAX4638 MAXIM-MAX4638_V01 Datasheet
248Kb / 14P
   3.5廓, Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers
2012
logo
Aeroflex Circuit Techno...
UT54ACTS153E AEROFLEX-UT54ACTS153E Datasheet
150Kb / 8P
   Dual 4 to 1 Multiplexers
UT54ACS153 AEROFLEX-UT54ACS153 Datasheet
245Kb / 10P
   Dual 4 to 1 Multiplexers
logo
Maxim Integrated Produc...
MAX4534 MAXIM-MAX4534_05 Datasheet
585Kb / 14P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 2; 5/05
MAX4534 MAXIM-MAX4534 Datasheet
193Kb / 16P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com