Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS670-04 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS670-04
Description  Patented PLL with low phase noise
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS670-04 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS670-04 Datasheet HTML 1Page - Integrated Device Technology ICS670-04 Datasheet HTML 2Page - Integrated Device Technology ICS670-04 Datasheet HTML 3Page - Integrated Device Technology ICS670-04 Datasheet HTML 4Page - Integrated Device Technology ICS670-04 Datasheet HTML 5Page - Integrated Device Technology ICS670-04 Datasheet HTML 6Page - Integrated Device Technology ICS670-04 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ICS670-04
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
ZDB AND MULTIPLIER
IDT™ / ICS™ LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER 3
ICS670-04
REV E 051310
External Components
The ICS670-04 requires a minimum number of external components for proper operation. Tie all VDD pins together,
all ground pins together, and connect a 0.01µF decoupling capacitor between them. A series termination resistor of
33
Ω must be used on each clock output.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS670-04. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
VDD=3.3 V ±10%, Ambient temperature -40 to +85
° C, unless stated otherwise
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
150
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
-40
+85
° C
Power Supply Voltage (measured in respect to GND)
+3.0
+5.5
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
5.5
V
Input High Voltage
VIH
2V
Input Low Voltage
VIL
0.8
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Output High Voltage,
CMOS level
VOH
IOH = -4 mA
VDD-0.4
V
Operating Supply Current
IDD
No Load
35
mA


Similar Part No. - ICS670-04

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS670-04 ICST-ICS670-04 Datasheet
176Kb / 6P
   LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
logo
Renesas Technology Corp
ICS670-04 RENESAS-ICS670-04 Datasheet
353Kb / 8P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
More results

Similar Description - ICS670-04

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
   Low Phase Noise PLL Clock Multiplier
logo
PhaseLink Corporation
PLL601-02 PLL-PLL601-02 Datasheet
200Kb / 4P
   Low Phase Noise PLL Clock Multiplier
logo
Mitel Networks Corporat...
SP5748 MITEL-SP5748 Datasheet
295Kb / 15P
   2.4GHz Very Low Phase Noise PLL
logo
PhaseLink Corporation
PLL601-01 PLL-PLL601-01 Datasheet
201Kb / 5P
   Low Phase Noise PLL Clock Multiplier
PLL601-15 PLL-PLL601-15 Datasheet
83Kb / 5P
   Low Phase Noise PLL Clock Multiplier
PLL601-03 PLL-PLL601-03 Datasheet
85Kb / 5P
   Low Phase Noise PLL Clock Multiplier
logo
Abracon Corporation
ABX0102 ABRACON-ABX0102 Datasheet
56Kb / 4P
   Low Phase Noise PLL Clock Multiplier
logo
Linear Technology
LTC6950 LINER-LTC6950 Datasheet
1Mb / 12P
   1.4GHz Low Phase Noise, Low Jitter PLL with Clock Distribution
logo
Vectron International, ...
C3310 VECTRON-C3310 Datasheet
154Kb / 5P
   Low Phase Noise Build in PLL-Circuit
logo
Analog Devices
ADF4193 AD-ADF4193_15 Datasheet
922Kb / 32P
   Low Phase Noise, Fast Settling PLL Frequency Synthesizer
Rev. F
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com