Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4533CPP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4533CPP
Description  Quad, Rail-to-Rail, Fault-Protected, SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4533CPP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4533CPP Datasheet HTML 4Page - Maxim Integrated Products MAX4533CPP Datasheet HTML 5Page - Maxim Integrated Products MAX4533CPP Datasheet HTML 6Page - Maxim Integrated Products MAX4533CPP Datasheet HTML 7Page - Maxim Integrated Products MAX4533CPP Datasheet HTML 8Page - Maxim Integrated Products MAX4533CPP Datasheet HTML 9Page - Maxim Integrated Products MAX4533CPP Datasheet HTML 10Page - Maxim Integrated Products MAX4533CPP Datasheet HTML 11Page - Maxim Integrated Products MAX4533CPP Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Quad, Rail-to-Rail, Fault-Protected,
SPDT Analog Switch
______________________________________________________________________________________
11
Test Circuits/Timing Diagrams (continued)
50%
VO1
VO2
0.9VO
+3V
0V
VCOM
0V
VCOM
LOGIC
INPUT
SWITCH
OUTPUT
SWITCH
OUTPUT
+15V
V+
NO
V-
-15V
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
LOGIC 0 INPUT.
GND
LOGIC
INPUT
0V
0.9VO
tD
tD
RL2
NC
CL2
VO2
VO1
CL1
RL = 1000Ω
CL = 35pF
COM_
VCOM
RL1
IN_
MAX4533
Figure 3. Break-Before-Make
0V
V+
VIN_
∆ VOUT IS THE MEASURED VOLTAGE DUE TO CHARGE-
TRANSFER ERROR Q WHEN THE CHANNEL TURNS OFF.
∆ VOUT
V- IS CONNECTED TO GND (0V) FOR SINGLE-SUPPLY OPERATION.
Q =
∆ VOUT x CL
VOUT
V+
VOUT
VIN_
GND
V+
V-
V-
IN_
NC_ OR NO_
VCOM_
MAX4533
50
CL
100pF
Figure 4. Charge Injection
V- IS CONNECTED TO GND (0V) FOR SINGLE-SUPPLY OPERATION.
V+
V+
GND
V+
V-
V-
IN_
NO_
COM_
MAX4533
NC_
ADDRESS SELECT
1MHz
CAPACITANCE
ANALYZER
Figure 5. COM_, NO_, NC_ Capacitance


Similar Part No. - MAX4533CPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX453 MAXIM-MAX453 Datasheet
301Kb / 8P
   CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX4530 MAXIM-MAX4530 Datasheet
148Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
Rev 0; 12/96
MAX4530-MAX4532 MAXIM-MAX4530-MAX4532 Datasheet
148Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
Rev 0; 12/96
MAX4530C/D MAXIM-MAX4530C/D Datasheet
148Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
Rev 0; 12/96
MAX4530CAP MAXIM-MAX4530CAP Datasheet
148Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
Rev 0; 12/96
More results

Similar Description - MAX4533CPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
MAX4511 MAXIM-MAX4511 Datasheet
310Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699_15 Datasheet
354Kb / 12P
   Quad, SPDT Analog Switch
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
   Rail-to-Rail Quad Operational Amplifier
logo
Analog Devices
AD8044 AD-AD8044_15 Datasheet
679Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
   Rail-to-rail CMOS quad operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com