Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4526EUA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4526EUA
Description  Phase-Reversal Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4526EUA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4526EUA Datasheet HTML 1Page - Maxim Integrated Products MAX4526EUA Datasheet HTML 2Page - Maxim Integrated Products MAX4526EUA Datasheet HTML 3Page - Maxim Integrated Products MAX4526EUA Datasheet HTML 4Page - Maxim Integrated Products MAX4526EUA Datasheet HTML 5Page - Maxim Integrated Products MAX4526EUA Datasheet HTML 6Page - Maxim Integrated Products MAX4526EUA Datasheet HTML 7Page - Maxim Integrated Products MAX4526EUA Datasheet HTML 8Page - Maxim Integrated Products MAX4526EUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Phase-Reversal Analog Switches
_______________________________________________________________________________________
3
Note 2: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3: Guaranteed by design.
Note 4:
∆RON = ∆RON(MAX) - ∆RON(MIN).
Note 5: Resistance flatness is defined as the difference between the maximum and minimum values of on-resistance as measured
over the specified analog-signal range.
Note 6: Leakage current is 100% tested at maximum rated hot temperature, and is guaranteed by correlation at TA = +25°C and
minimum rated cold temperature.
Note 7: Off-isolation = 20log10 [(VX or VY) / (VA or VB)], VX or VY = output, VA or VB = input to off switch.
ELECTRICAL CHARACTERISTICS—±15V Supplies (continued)
(V+ = +15V, V- = -15V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Power-Supply Range
V+, V-
±4.5
±20
V
C, E
µA
-1
-500
C, E
C, E
+25°C
-1
0.05
MAX4526
MAX4527
V- = -16.5V
I-
V- Supply Current
-400
+25°C
µA
mA
10
1.5
C, E
C, E
+25°C
0.05
1
MAX4526
MAX4527
V+ = 16.5V,
VIN = 0V or V+
I+
V+ Supply Current
ns
250
C, E
MAX4527
Transition Time
tTRANS
VA = VB = ±10V,
V+ = 15V,
V- = -15V,
Figure 3
95
200
+25°C
125
C, E
MAX4526
0.7
1
+25°C
A-X, A-Y, B-X, B-Y Isolation
(Note 7)
VISO
-65
dB
+25°C
RL = 50Ω, CL = 15pF,
VA = VB = 1VRMS,
f = 1MHz, Figure 7
A-X, A-Y, B-X, B-Y Capacitance
COFF
13
pF
+25°C
VA = VB = GND, f = 1MHz,
Figure 6
Charge Injection (Note 3)
Q
110
pC
+25°C
CL = 1.0nF, VA or VB = 0V,
RS = 0Ω, Figure 5
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
65
100
Break-Before-Make Time Delay
tBBM
15
ns
TA
CONDITIONS
+25°C
+25°C
VA = VB = ±10V, V+ = 15V,
V- = -15V, Figure 4
SWITCH DYNAMIC CHARACTERISTICS
POWER SUPPLY


Similar Part No. - MAX4526EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX452 MAXIM-MAX452 Datasheet
301Kb / 8P
   CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX452-MAX455 MAXIM-MAX452-MAX455 Datasheet
301Kb / 8P
   CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX4520EUA MAXIM-MAX4520EUA Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4520EUT-T MAXIM-MAX4520EUT-T Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4521 MAXIM-MAX4521 Datasheet
155Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
More results

Similar Description - MAX4526EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4528 MAXIM-MAX4528 Datasheet
152Kb / 12P
   Low-Voltage, Phase-Reversal Analog Switch
Rev 0; 1/98
logo
Microchip Technology
MCP6441 MICROCHIP-MCP6441_11 Datasheet
1Mb / 42P
   450 nA, 9 kHz Op Amp No Phase Reversal Analog Active Filters
2011
logo
Toshiba Semiconductor
SSM6P35AFU TOSHIBA-SSM6P35AFU Datasheet
229Kb / 8P
   Analog Switches
SSM6P35AFE TOSHIBA-SSM6P35AFE Datasheet
205Kb / 8P
   Analog Switches
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Panasonic Semiconductor
MN4066B PANASONIC-MN4066B Datasheet
88Kb / 3P
   Quad Analog Switches
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com