Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6642Q-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6642Q-Q1
Description  LMH6642Q/LMH6643Q Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6642Q-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6642Q-Q1 Datasheet HTML 6Page - Texas Instruments LMH6642Q-Q1 Datasheet HTML 7Page - Texas Instruments LMH6642Q-Q1 Datasheet HTML 8Page - Texas Instruments LMH6642Q-Q1 Datasheet HTML 9Page - Texas Instruments LMH6642Q-Q1 Datasheet HTML 10Page - Texas Instruments LMH6642Q-Q1 Datasheet HTML 11Page - Texas Instruments LMH6642Q-Q1 Datasheet HTML 12Page - Texas Instruments LMH6642Q-Q1 Datasheet HTML 13Page - Texas Instruments LMH6642Q-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
LMH6642Q-Q1, LMH6643Q-Q1
SNOSC61C – JANUARY 2012 – REVISED SEPTEMBER 2014
www.ti.com
±5V Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for V
+ = 5V, V= −5V, V
CM = VO = 0V, VID (input differential voltage) as noted
(where applicable) and RL = 2kΩ to ground. Boldface limits apply at the temperature extremes.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
ISC
Output Short Circuit Current
Sourcing to Ground
60
115
VID = 200mV
(6)
35
mA
Sinking to Ground
85
145
VID = −200mV
(6)
65
IOUT
Output Current
VO = 0.5V from either supply
±75
mA
PSRR
Power Supply Rejection Ratio
(V+, V) = (4.5V,
−4.5V) to (5.5V,
dB
78
90
−5.5V)
IS
Supply Current (per channel)
No Load
4.50
2.70
mA
5.50
(6)
Short circuit test is a momentary test. Output short circuit duration is infinite for VS < 6V at room temperature and below. For VS > 6V,
allowable short circuit duration is 1.5ms.
10
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: LMH6642Q-Q1 LMH6643Q-Q1


Similar Part No. - LMH6642Q-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6642Q-Q1 TI-LMH6642Q-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642Q-Q1 TI-LMH6642Q-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
More results

Similar Description - LMH6642Q-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6643Q-Q1 TI1-LMH6643Q-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642Q-Q1 TI-LMH6642Q-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642 TI1-LMH6642_16 Datasheet
1Mb / 39P
[Old version datasheet]   LMH664x Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6644-MIL TI1-LMH6644-MIL Datasheet
855Kb / 28P
[Old version datasheet]   Low-Power, 130-MHz, 75-mA Rail-to-Rail Output Amplifier
logo
Analog Devices
ADA4692 AD-ADA4692 Datasheet
706Kb / 20P
   Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
REV. D
ADA4691-2 AD-ADA4691-2_V01 Datasheet
804Kb / 19P
   Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
logo
National Semiconductor ...
LMH6618 NSC-LMH6618 Datasheet
1Mb / 26P
   130 MHz, 1.25 mA Rail-to-Rail Input and Output Operational Amplifier with Shutdown
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com