Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6642Q-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6642Q-Q1
Description  LMH6642Q/LMH6643Q Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6642Q-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH6642Q-Q1 Datasheet HTML 3Page - Texas Instruments LMH6642Q-Q1 Datasheet HTML 4Page - Texas Instruments LMH6642Q-Q1 Datasheet HTML 5Page - Texas Instruments LMH6642Q-Q1 Datasheet HTML 6Page - Texas Instruments LMH6642Q-Q1 Datasheet HTML 7Page - Texas Instruments LMH6642Q-Q1 Datasheet HTML 8Page - Texas Instruments LMH6642Q-Q1 Datasheet HTML 9Page - Texas Instruments LMH6642Q-Q1 Datasheet HTML 10Page - Texas Instruments LMH6642Q-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
LMH6642Q-Q1, LMH6643Q-Q1
www.ti.com
SNOSC61C – JANUARY 2012 – REVISED SEPTEMBER 2014
7.6 5V Electrical Characteristics
Unless otherwise specified, all limits ensured for V
+ = 5V, V= 0V, V
CM = VO = V
+/2, V
ID (input differential voltage) as noted
(where applicable) and RL = 2kΩ to V
+/2. Boldface limits apply at the temperature extremes.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
BW
−3dB BW
AV = +1, VOUT = 200mVPP
90
120
MHz
AV = +2, −1, VOUT = 200mVPP
46
BW0.1dB
0.1dB Gain Flatness
AV = +2, RL = 150Ω to V+/2,
MHz
15
Rf = 402Ω, VOUT = 200mVPP
PBW
Full Power Bandwidth
AV = +1, −1dB, VOUT = 2VPP
22
MHz
en
Input-Referred Voltage Noise
f = 100kHz
17
nV/
√Hz
f = 1kHz
48
in
Input-Referred Current Noise
f = 100kHz
0.90
pA/
√Hz
f = 1kHz
3.3
THD
Total Harmonic Distortion
f = 5MHz, VO = 2VPP, AV = +2
−60
dBc
DG
Differential Gain
NTSC, AV = +2
0.16%
RL =150Ω to V
+/2
RL = 1kΩ to V
+/2
0.05%
DP
Differential Phase
NTSC, AV = +2
0.05
RL = 150Ω to V
+/2
deg
RL = 1kΩ to V
+/2
0.01
CT Rej.
Cross-Talk Rejection
f = 5MHz, Receiver:
47
dB
Rf = Rg = 510Ω, AV = +2
TS
Settling Time
VO = 2VPP, ±0.1%, 8pF Load
68
ns
SR
Slew Rate (3)
AV = −1, VI = 2VPP
95
125
V/µs
VOS
Input Offset Voltage
For LMH6642
±5
±1
±7
mV
For LMH6643
±3.4
±1
±7
TC VOS
Input Offset Average Drift
(4)
±5
µV/°C
IB
Input Bias Current
(5)
−2.60
−1.70
µA
−3.25
IOS
Input Offset Current
800
20
nA
1000
RIN
Common Mode Input Resistance
3
M
CIN
Common Mode Input
pF
2
Capacitance
CMVR
Input Common-Mode Voltage
CMRR
≥ 50dB
−0.2
−0.5
Range
−0.1
V
3.8
4.0
3.6
CMRR
Common Mode Rejection Ratio
VCM Stepped from 0V to 3.5V
72
95
dB
AVOL
Large Signal Voltage Gain
VO = 0.5V to 4.50V
86
98
RL = 2kΩ to V
+/2
82
dB
VO = 0.5V to 4.25V
76
82
RL = 150Ω to V
+/2
72
VO
Output Swing
RL = 2kΩ to V
+/2, V
ID = 200mV
4.90
4.98
V
High
RL = 150Ω to V
+/2, V
ID = 200mV
4.65
4.90
Output Swing
RL = 2kΩ to V
+/2, V
ID = −200mV
25
100
mV
Low
RL = 150Ω to V
+/2, V
ID = −200mV
100
150
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
Slew rate is the average of the rising and falling slew rates.
(4)
Offset voltage average drift determined by dividing the change in VOS at temperature extremes by the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6642Q-Q1 LMH6643Q-Q1


Similar Part No. - LMH6642Q-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6642Q-Q1 TI-LMH6642Q-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642Q-Q1 TI-LMH6642Q-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
More results

Similar Description - LMH6642Q-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6643Q-Q1 TI1-LMH6643Q-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642Q-Q1 TI-LMH6642Q-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642 TI1-LMH6642_16 Datasheet
1Mb / 39P
[Old version datasheet]   LMH664x Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6644-MIL TI1-LMH6644-MIL Datasheet
855Kb / 28P
[Old version datasheet]   Low-Power, 130-MHz, 75-mA Rail-to-Rail Output Amplifier
logo
Analog Devices
ADA4692 AD-ADA4692 Datasheet
706Kb / 20P
   Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
REV. D
ADA4691-2 AD-ADA4691-2_V01 Datasheet
804Kb / 19P
   Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
logo
National Semiconductor ...
LMH6618 NSC-LMH6618 Datasheet
1Mb / 26P
   130 MHz, 1.25 mA Rail-to-Rail Input and Output Operational Amplifier with Shutdown
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com