Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

83905-01 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 83905-01
Description  Outputs able to drive 12 series terminated lines
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

83905-01 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 83905-01 Datasheet HTML 7Page - Integrated Device Technology 83905-01 Datasheet HTML 8Page - Integrated Device Technology 83905-01 Datasheet HTML 9Page - Integrated Device Technology 83905-01 Datasheet HTML 10Page - Integrated Device Technology 83905-01 Datasheet HTML 11Page - Integrated Device Technology 83905-01 Datasheet HTML 12Page - Integrated Device Technology 83905-01 Datasheet HTML 13Page - Integrated Device Technology 83905-01 Datasheet HTML 14Page - Integrated Device Technology 83905-01 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REVISION 1 05/01/15
11
LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS FANOUT BUFFER
83905-01 DATA SHEET
Parameter Measurement Information, continued
Output Skew
Output Rise/Fall Time
Output Enable/Disable
RMS Phase Jitter
Output Duty Cycle/Pulse Width/Period
BCLKx
BCLKy
tsk(b)
V
DDO
2
V
DDO
2
20%
80%
80%
20%
tR
t F
BCLK[0:5]
VDD/2
VDD/2
VDDO/2
VOL
VOH
0V
VDD
tDIS
tEN
Output BCLKx
(See Note)
OEx
(High-level
enabling)
t
PERIOD
t
PW
t
PERIOD
odc =
V
DDO
2
x 100%
t
PW
BCLK[0:5]


Similar Part No. - 83905-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
83905-01 RENESAS-83905-01 Datasheet
606Kb / 21P
   Low Skew, 1:6 Crystal-to-LVCMOS Fanout Buffer
05/01/15
More results

Similar Description - 83905-01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3040 STMICROELECTRONICS-AN3040 Datasheet
698Kb / 27P
   This application note describes a demonstration board able to drive
AN3032 STMICROELECTRONICS-AN3032 Datasheet
1Mb / 26P
   This application note describes a demonstration board able to drive
logo
LDT Co., Ltd
LD1207 LDT-LD1207 Datasheet
266Kb / 19P
   12/9 Segment Output lines 4 to 7 grid output lines
logo
SparkFun Electronics
PRT-12070 SPARKFUN-PRT-12070 Datasheet
100Kb / 1P
   SparkFun Solder-able Breadboard
4/16/2015
logo
Laird Tech Smart Techno...
ECE115 LSTD-ECE115 Datasheet
1Mb / 1P
   Able to extrude in various sizes and profiles
logo
Hantronix,Inc
HDM12216H HANTRONIX-HDM12216H Datasheet
28Kb / 1P
   12 Character x 2 Lines
logo
Glenair, Inc.
750-100 GLENAIR-750-100 Datasheet
35Kb / 2P
   Adapter to Adapter Pre-Terminated Assemblies
750-102 GLENAIR-750-102 Datasheet
47Kb / 2P
   Connector to Connector Pre-Terminated Assemblies
logo
Texas Instruments
AMC7812 TI-AMC7812 Datasheet
2Mb / 92P
[Old version datasheet]   12, 12-Bit DACs with Programmable Outputs: ??0V to 5V, ??0V to 12.5V
logo
Cypress Semiconductor
CY29350 CYPRESS-CY29350_11 Datasheet
451Kb / 13P
   2.5 V or 3.3 V, 200-MHz, 9-Output Clock Driver Nine Clock outputs: Drive up to 18 clock lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com