Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4534 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4534
Description  Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4534 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4534 Datasheet HTML 1Page - Maxim Integrated Products MAX4534 Datasheet HTML 2Page - Maxim Integrated Products MAX4534 Datasheet HTML 3Page - Maxim Integrated Products MAX4534 Datasheet HTML 4Page - Maxim Integrated Products MAX4534 Datasheet HTML 5Page - Maxim Integrated Products MAX4534 Datasheet HTML 6Page - Maxim Integrated Products MAX4534 Datasheet HTML 7Page - Maxim Integrated Products MAX4534 Datasheet HTML 8Page - Maxim Integrated Products MAX4534 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Fault-Protected, High-Voltage,
Single 4-to-1/Dual 2-to-1 Multiplexers
4
_______________________________________________________________________________________
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
CONDITIONS
TA
10
0.01
1
IGND
GND Supply Current
µA
225
400
I+
V+ Supply Current
±4.5
±20
All VA_ = VEN = 0 or 15V
All VA_ = VEN = 0 or 5V
C, E
+25°C
+25°C
Power-Supply Range
V+, V-
V
600
C, E
300
C, E
µA
125
200
All VA_ = VEN = 0, 5V, or 15V
+25°C
V
0V+
VNO_
Fault-Free Analog Signal Range
INO_(OFF)
NO_ Off-Leakage Current
(Notes 5, 10)
-10
10
nA
-0.5
0.01
0.5
10
25
∆RON
On-Resistance Match Between
Channels (Note 5)
40
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Applies with power on or off
VCOM_ = 10V, 1V;
VNO_ = 1V, 10V
VCOM_ = 10V, INO_ = 500µA
CONDITIONS
C, E
+25°C
+25°C
C, E
TA
650
950
RON
1100
On-Resistance
VCOM_ = 10V, INO_ = 500µA
+25°C
C, E
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +15V, V- = -15V, VA_H = VENH = 2.4V, VA_L = VENL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 3)
ELECTRICAL CHARACTERISTICS—Single +12V Supply
(V+ = +12V, V- = 0, VA_H = VENH = 2.4V, VA_L = VENL = 0.8V, TA = TMIN to TMIN, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 3)
300
100
200
All VA_ = VEN = 5V
C, E
+25°C
ICOM_(OFF)
COM_ Off-Leakage Current
(Notes 5, 10)
-20
20
nA
-22
VCOM_ = 10V,
1V;
VNO_ = 1V,10V
C, E
+25°C
-15
15
-11
C, E
+25°C
ICOM_(ON)
COM_ On-Leakage Current
(Notes 5, 10)
-20
20
nA
-22
VCOM_ = 10V,
1V;
VNO_ = 10V,
1V, or floating
C, E
+25°C
-15
15
-11
C, E
+25°C
ANALOG SWITCH
MAX4534
MAX4534
MAX4535
MAX4535
300
C, E
125
200
I-
V- Supply Current
All VA_ = VEN = 0 or 15V
+25°C
POWER SUPPLY
µA


Similar Part No. - MAX4534

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4534 MAXIM-MAX4534 Datasheet
585Kb / 14P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 2; 5/05
MAX4534CPD MAXIM-MAX4534CPD Datasheet
585Kb / 14P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 2; 5/05
MAX4534CSD MAXIM-MAX4534CSD Datasheet
585Kb / 14P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 2; 5/05
MAX4534CUD MAXIM-MAX4534CUD Datasheet
585Kb / 14P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 2; 5/05
MAX4534EPD MAXIM-MAX4534EPD Datasheet
585Kb / 14P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 2; 5/05
More results

Similar Description - MAX4534

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4534 MAXIM-MAX4534_05 Datasheet
585Kb / 14P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 2; 5/05
MAX4508 MAXIM-MAX4508 Datasheet
288Kb / 16P
   Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Rev 0; 1/99
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4708 MAXIM-MAX4708 Datasheet
408Kb / 14P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
MAX4508 MAXIM-MAX4508_07 Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
MAX4578 MAXIM-MAX4578 Datasheet
177Kb / 20P
   High-Voltage, Single 8-to-1/ Dual 4-to-1 Cal-Multiplexers
Rev 0; 10/98
logo
Aeroflex Circuit Techno...
UT54ACTS153E AEROFLEX-UT54ACTS153E Datasheet
150Kb / 8P
   Dual 4 to 1 Multiplexers
UT54ACS153 AEROFLEX-UT54ACS153 Datasheet
245Kb / 10P
   Dual 4 to 1 Multiplexers
logo
Maxim Integrated Produc...
MAX4539 MAXIM-MAX4539 Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com