Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8312I Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 8312I
Description  CLK input supports the following input types
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8312I Datasheet(HTML) 4 Page - Integrated Device Technology

  8312I Datasheet HTML 1Page - Integrated Device Technology 8312I Datasheet HTML 2Page - Integrated Device Technology 8312I Datasheet HTML 3Page - Integrated Device Technology 8312I Datasheet HTML 4Page - Integrated Device Technology 8312I Datasheet HTML 5Page - Integrated Device Technology 8312I Datasheet HTML 6Page - Integrated Device Technology 8312I Datasheet HTML 7Page - Integrated Device Technology 8312I Datasheet HTML 8Page - Integrated Device Technology 8312I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Rev B 11/4/14
4
LOW SKEW, 1-TO-12 LVCMOS/LVTTL FANOUT BUFFER
8312I DATASHEET
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
Table 4B. Power Supply DC Characteristics, VDD = VDDO = 2.5V ± 5%, TA = -40°C to 85°C
Table 4C. Power Supply DC Characteristics, VDD = VDDO = 1.8V ± 0.2V, TA = -40°C to 85°C
Item
Rating
Supply Voltage, VDD
4.6V
Inputs, VI
-0.5V to VDD + 0.5V
Outputs, VO
-0.5V to VDDO + 0.5V
Package Thermal Impedance,
JA
47.9
C/W (0 lfpm)
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Positive Supply Voltage
3.135
3.3
3.465
V
VDDO
Output Supply Voltage
3.135
3.3
3.465
V
IDD
Power Supply Current
10
mA
IDDO
Output Supply Current
10
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Positive Supply Voltage
2.375
2.5
2.625
V
VDDO
Output Supply Voltage
2.375
2.5
2.625
V
IDD
Power Supply Current
10
mA
IDDO
Output Supply Current
10
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Positive Supply Voltage
1.6
1.8
2.0
V
VDDO
Output Supply Voltage
1.6
1.8
2.0
V
IDD
Power Supply Current
10
mA
IDDO
Output Supply Current
10
mA


Similar Part No. - 8312I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8312I IDT-8312I Datasheet
299Kb / 18P
   Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8312I RENESAS-8312I Datasheet
493Kb / 19P
   Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
December 14, 2015
logo
Integrated Device Techn...
8312I IDT-8312I_15 Datasheet
299Kb / 18P
   Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
More results

Similar Description - 8312I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
86004I IDT-86004I Datasheet
231Kb / 13P
   CLK accepts the following input levels
logo
Freescale Semiconductor...
KL16P64M48SF4 FREESCALE-KL16P64M48SF4 Datasheet
1Mb / 55P
   Supports the following MKL16Z256VLH4, MKL16Z256VMP4
logo
NXP Semiconductors
K61P256M150SF3 NXP-K61P256M150SF3 Datasheet
1Mb / 94P
   K61 Sub-Family Supports the following
Rev. 7, 02/2018
K70P256M120SF3 NXP-K70P256M120SF3 Datasheet
1Mb / 97P
   K70 Sub-Family Supports the following
Rev. 7, 02/2018
K10P64M50SF0 NXP-K10P64M50SF0_V01 Datasheet
988Kb / 62P
   K10 Sub-Family Supports the following
Rev. 5 10/2023
logo
Sanken electric
LC5710S SANKEN-LC5710S Datasheet
2Mb / 42P
   Operation Types: The following converter types are applicable by the external circuit configuration
logo
Grayhill, Inc
70L-IDC GRAYHILL-70L-IDC Datasheet
72Kb / 2P
   Fast Switching Polarized Input Types
logo
Integrated Device Techn...
82V3391 IDT-82V3391 Datasheet
60Kb / 5P
   Supports 1PPS input and output
logo
Gamewell-FCI by Honeywe...
FPT-XSTAND GAMEWELL-FCI-FPT-XSTAND Datasheet
72Kb / 2P
   Provides the following
logo
Synaptics Incorporated.
CX25834 CONEXANT-CX25834 Datasheet
730Kb / 4P
   Supports NTSC/PAL/SECAM video input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com