Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4530 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4530
Description  Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4530 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4530 Datasheet HTML 7Page - Maxim Integrated Products MAX4530 Datasheet HTML 8Page - Maxim Integrated Products MAX4530 Datasheet HTML 9Page - Maxim Integrated Products MAX4530 Datasheet HTML 10Page - Maxim Integrated Products MAX4530 Datasheet HTML 11Page - Maxim Integrated Products MAX4530 Datasheet HTML 12Page - Maxim Integrated Products MAX4530 Datasheet HTML 13Page - Maxim Integrated Products MAX4530 Datasheet HTML 14Page - Maxim Integrated Products MAX4530 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Low-Voltage, CMOS Analog Multiplexers/Switches
with Enable Inputs and Address Latching
______________________________________________________________________________________
11
Figure 2. Enable Switching Time
_________________________________Test Circuits/Timing Diagrams (continued)
50%
0V
VOUT
VNO0
0V
V-
COM
V-
300
GND
ADDC
ADDB
ADDA
EN1
V+
50
90%
90%
tOFF
tON
35pF
V+
V+
V+
VOUT
MAX4530
NO1–NO7
NO0
+3V
EN2
V-
COM_
V-
300
GND
ADDA
ADDB
EN1
50
35pF
V+
V+
V+
VOUT
MAX4531
NO1_, N02_, NO3_
NO0_
+3V
EN2
50%
0V
VOUT
VNO0
0V
V+
90%
90%
tOFF
tON
V-
COM_
V-
300
GND
ADD_
EN1
50
35pF
V+
V+
V+
VOUT
MAX4532
NC_
NO_
+3V
EN2
VEN1
VEN1
VEN1
VEN1
VEN1
VEN1
50%
0V
VOUT
VNC_
0V
V+
90%
90%
tOFF
tON
V- = 0V FOR SINGLE-SUPPLY OPERATION.
REPEAT TEST FOR EACH SECTION.
REPEAT TEST FOR EN2, WITH PULSE INVERTED
AND EN1 CONNECTED TO GND.
LE
LE
LE


Similar Part No. - MAX4530

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX453 MAXIM-MAX453 Datasheet
301Kb / 8P
   CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX4533 MAXIM-MAX4533 Datasheet
172Kb / 12P
   Quad, Rail-to-Rail, Fault-Protected, SPDT Analog Switch
Rev 0; 4/99
MAX4533CAP MAXIM-MAX4533CAP Datasheet
172Kb / 12P
   Quad, Rail-to-Rail, Fault-Protected, SPDT Analog Switch
Rev 0; 4/99
MAX4533CPP MAXIM-MAX4533CPP Datasheet
172Kb / 12P
   Quad, Rail-to-Rail, Fault-Protected, SPDT Analog Switch
Rev 0; 4/99
MAX4533CSP MAXIM-MAX4533CSP Datasheet
172Kb / 12P
   Quad, Rail-to-Rail, Fault-Protected, SPDT Analog Switch
Rev 0; 4/99
More results

Similar Description - MAX4530

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4583LEEE MAXIM-MAX4583LEEE Datasheet
310Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
MAX4051 MAXIM-MAX4051_V01 Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com