Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74FCT38074S Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 74FCT38074S
Description  Low additive phase jitter RMS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT38074S Datasheet(HTML) 5 Page - Integrated Device Technology

  74FCT38074S Datasheet HTML 1Page - Integrated Device Technology 74FCT38074S Datasheet HTML 2Page - Integrated Device Technology 74FCT38074S Datasheet HTML 3Page - Integrated Device Technology 74FCT38074S Datasheet HTML 4Page - Integrated Device Technology 74FCT38074S Datasheet HTML 5Page - Integrated Device Technology 74FCT38074S Datasheet HTML 6Page - Integrated Device Technology 74FCT38074S Datasheet HTML 7Page - Integrated Device Technology 74FCT38074S Datasheet HTML 8Page - Integrated Device Technology 74FCT38074S Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
REVISION A 03/18/15
5
LOW SKEW 1 TO 4 CLOCK BUFFER
74FCT38074S DATASHEET
AC Electrical Characteristics
(VDD = 1.8V, 2.5V, 3.3V)
VDD = 1.8V ±5%, Ambient Temperature -40° to +105°C, unless stated otherwise
VDD = 2.5 V ±5%, Ambient Temperature -40° to +105°C, unless stated otherwise
VDD = 3.3 V ±5%, Ambient Temperature -40° to +105°C, unless stated otherwise
Notes:
1. With rail to rail input clock
2. Between any 2 outputs with equal loading.
3. Duty cycle on outputs will match incoming clock duty cycle. Consult IDT for tight duty cycle clock generators.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Output Rise Time
tOR
0.36 to 1.44 V, CL=5 pF
0.6
1.0
ns
Output Fall Time
tOF
1.44 to 0.36 V, CL=5 pF
0.6
1.0
ns
Start-up Time
tSTART-UP
Part start-up time for valid
outputs after VDD ramp-up
2ms
Propagation Delay
Note 1
1.5
2.5
4
ns
Buffer Additive Phase Jitter, RMS
125MHz, Integration Range:
12kHz-20MHz
0.05
ps
Output to Output Skew
Rising edges at VDD/2, Note 2
50
65
ps
Device to Device Skew
Rising edges at VDD/2
200
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Output Rise Time
tOR
0.5 to 2.0 V, CL=5 pF
0.6
1.0
ns
Output Fall Time
tOF
2.0 to 0.5 V, CL=5 pF
0.6
1.0
ns
Start-up Time
tSTART-UP
Part start-up time for valid
outputs after VDD ramp-up
2ms
Propagation Delay
Note 1
1.8
2.5
4.5
ns
Buffer Additive Phase Jitter, RMS
125MHz, Integration Range:
12kHz-20MHz
0.05
ps
Output to Output Skew
Rising edges at VDD/2, Note 2
50
65
ps
Device to Device Skew
Rising edges at VDD/2
200
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Output Rise Time
tOR
0.66 to 2.64 V, CL=5 pF
0.6
1.0
ns
Output Fall Time
tOF
2.64 to 0.66 V, CL=5 pF
0.6
1.0
ns
Start-up Time
tSTART-UP
Part start-up time for valid
outputs after VDD ramp-up
2ms
Propagation Delay
Note 1
1.5
2.5
4
ns
Buffer Additive Phase Jitter, RMS
125MHz, Integration Range:
12kHz-20MHz
0.05
ps
Output to Output Skew
Rising edges at VDD/2, Note 2
50
65
ps
Device to Device Skew
Rising edges at VDD/2
200
ps


Similar Part No. - 74FCT38074S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74FCT38074S RENESAS-74FCT38074S Datasheet
315Kb / 12P
   Low Skew 1 to 4 Clock Buffer
REVISION A 03/18/15
74FCT38074SCMGI RENESAS-74FCT38074SCMGI Datasheet
315Kb / 12P
   Low Skew 1 to 4 Clock Buffer
REVISION A 03/18/15
74FCT38074SCMGI8 RENESAS-74FCT38074SCMGI8 Datasheet
315Kb / 12P
   Low Skew 1 to 4 Clock Buffer
REVISION A 03/18/15
74FCT38074SDCGI RENESAS-74FCT38074SDCGI Datasheet
315Kb / 12P
   Low Skew 1 to 4 Clock Buffer
REVISION A 03/18/15
74FCT38074SDCGI8 RENESAS-74FCT38074SDCGI8 Datasheet
315Kb / 12P
   Low Skew 1 to 4 Clock Buffer
REVISION A 03/18/15
More results

Similar Description - 74FCT38074S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
651S IDT-651S Datasheet
222Kb / 12P
   Low additive phase jitter RMS
524S IDT-524S Datasheet
180Kb / 12P
   Low additive phase jitter RMS
551S IDT-551S Datasheet
222Kb / 12P
   Low additive phase jitter RMS
553S IDT-553S Datasheet
223Kb / 12P
   Low additive phase jitter RMS
74FCT3807S IDT-74FCT3807S Datasheet
559Kb / 18P
   Low additive phase jitter RMS
74FCT38072S IDT-74FCT38072S Datasheet
125Kb / 11P
   Low additive phase jitter RMS
621S IDT-621S Datasheet
221Kb / 12P
   Low additive phase jitter RMS
74FCT38075S IDT-74FCT38075S Datasheet
125Kb / 11P
   Extremely low RMS Additive Phase Jitter
logo
Texas Instruments
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
[Old version datasheet]   LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com