Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8T33FS6222 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 8T33FS6222
Description  Two selectable differential PECL inputs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8T33FS6222 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 8T33FS6222 Datasheet HTML 5Page - Integrated Device Technology 8T33FS6222 Datasheet HTML 6Page - Integrated Device Technology 8T33FS6222 Datasheet HTML 7Page - Integrated Device Technology 8T33FS6222 Datasheet HTML 8Page - Integrated Device Technology 8T33FS6222 Datasheet HTML 9Page - Integrated Device Technology 8T33FS6222 Datasheet HTML 10Page - Integrated Device Technology 8T33FS6222 Datasheet HTML 11Page - Integrated Device Technology 8T33FS6222 Datasheet HTML 12Page - Integrated Device Technology 8T33FS6222 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
8T33FS6222 DATA SHEET
REVISION 1 2/2/15
9
LOW VOLTAGE, 1:15 DIFFERENTIAL PECL CLOCK
DIVIDER AND FANOUT BUFFER
Parameter Measurement Information
SCOPE
Qx
nQx
V
EE
VCC
2V
-1.3V±0.165V
3.3V LVPECL Output Load AC Test Circuit
VCC
VEE
nCLK[1:0]
CLK[1:0]
Differential Input Level
tsk(pp)
Par t 1
Par t 2
nQx
Qx
nQy
Qy
Part-to-Part Skew
nCLK[1:0]
CLK[1:0]
nQx
Qx
t
PD
Propagation Delay
SCOPE
Qx
nQx
V
EE
VCC
2V
-0.5V±0.125V
2.5V LVPECL Output Load AC Test Circuit
20%
80%
80%
20%
tR
t F
VO(P-P)
nQx
Qx
Output Rise/Fall Time
nQx
Qx
nQy
Qy
Output Skew
nQx
Qx
Output Duty Cycle/Pulse Width


Similar Part No. - 8T33FS6222

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8T33FS6222 RENESAS-8T33FS6222 Datasheet
1Mb / 35P
   Low Voltage, 1:15 Differential PECL Clock Divider and Fanout Buffer
2/2/15
8T33FS6222EPGI RENESAS-8T33FS6222EPGI Datasheet
1Mb / 35P
   Low Voltage, 1:15 Differential PECL Clock Divider and Fanout Buffer
2/2/15
8T33FS6222EPGI8 RENESAS-8T33FS6222EPGI8 Datasheet
1Mb / 35P
   Low Voltage, 1:15 Differential PECL Clock Divider and Fanout Buffer
2/2/15
More results

Similar Description - 8T33FS6222

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S014I IDT-ICS853S014I Datasheet
248Kb / 20P
   Two selectable differential LVPECL clock inputs
8735-31 IDT-8735-31 Datasheet
350Kb / 21P
   Selectable differential clock inputs
853S111B IDT-853S111B Datasheet
342Kb / 25P
   Two selectable differential input pairs
ICS853S310I IDT-ICS853S310I Datasheet
844Kb / 17P
   Two selectable differential input pairs
IDT8SLVP2108I IDT-IDT8SLVP2108I Datasheet
967Kb / 22P
   Two differential clock inputs
8SLVP2106 IDT-8SLVP2106 Datasheet
521Kb / 24P
   Two differential clock inputs
IDT8SLVD1204I IDT-IDT8SLVD1204I Datasheet
440Kb / 18P
   Two selectable differential clock input pairs
8SLVD1204-33 IDT-8SLVD1204-33 Datasheet
377Kb / 18P
   Two selectable differential clock input pairs
DT8SLVD1204I IDT-DT8SLVD1204I Datasheet
440Kb / 18P
   Two selectable differential clock input pairs
logo
Agilent(Hewlett-Packard...
HDMP-1637A HP-HDMP-1637A Datasheet
256Kb / 16P
   Gigabit Ethernet SerDes Circuit with Differential PECL Clock Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com